Electronic Components Datasheet Search
  English  ▼

X  

AD5241 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5241
Description  I2C Compatible 256-Position Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5241 Datasheet(HTML) 5 Page - Analog Devices

  AD5241 Datasheet HTML 1Page - Analog Devices AD5241 Datasheet HTML 2Page - Analog Devices AD5241 Datasheet HTML 3Page - Analog Devices AD5241 Datasheet HTML 4Page - Analog Devices AD5241 Datasheet HTML 5Page - Analog Devices AD5241 Datasheet HTML 6Page - Analog Devices AD5241 Datasheet HTML 7Page - Analog Devices AD5241 Datasheet HTML 8Page - Analog Devices AD5241 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
–5–
AD5241/AD5242
AD5242 PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
1O1
Logic Output Terminal O1
2A1
Resistor Terminal A1
3W1
Wiper Terminal W1
4B1
Resistor Terminal B1
5VDD
Positive power supply, specified for opera-
tion from 2.2 V to 5.5 V.
6
SHDN
Active low, asynchronous connection of
Wiper W to Terminal B, and open circuit
of Terminal A. RDAC register contents
unchanged.
SHDN should tie to V
DD if
not used.
7
SCL
Serial Clock Input
8
SDA
Serial Data Input/Output
9
AD0
Programmable address bit for multiple
package decoding. Bits AD0 and AD1
provide four possible addresses.
10
AD1
Programmable address bit for multiple
package decoding. Bits AD0 and AD1
provide four possible addresses.
11
DGND
Common Ground
12
VSS
Negative power supply, specified for
operation from 0 V to –2.7 V.
13
O2
Logic Output Terminal O2
14
B2
Resistor Terminal B2
15
W2
Wiper Terminal W2
16
A2
Resistor Terminal A2
AD5241 PIN CONFIGURATION
TOP VIEW
(Not to Scale)
14
1
NC = NO CONNECT
W1
B1
VDD
SHDN
SCL
SDA
O1
NC
O2
VSS
DGND
AD1
AD0
A1
AD5241
2
3
4
5
6
7
13
12
11
10
9
8
AD5242 PIN CONFIGURATION
TOP VIEW
(Not to Scale)
1
O1
A1
W1
B1
VDD
SHDN
SCL
SDA
A2
W2
B2
O2
VSS
DGND
AD1
AD0
AD5242
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD5241 PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
1A1
Resistor Terminal A1
2W1
Wiper Terminal W1
3B1
Resistor Terminal B1
4VDD
Positive power supply, specified for opera-
tion from 2.2 V to 5.5 V.
5
SHDN
Active low, asynchronous connection of
Wiper W to Terminal B, and open circuit
of Terminal A. RDAC register contents
unchanged.
SHDN should tie to V
DD if
not used.
6
SCL
Serial Clock Input
7
SDA
Serial Data Input/Output
8AD0
Programmable address bit for multiple
package decoding. Bits AD0 and AD1
provide four possible addresses.
9AD1
Programmable address bit for multiple
package decoding. Bits AD0 and AD1
provide four possible addresses.
10
DGND
Common Ground
11
VSS
Negative power supply, specified for
operation from 0 V to –2.7 V.
12
O2
Logic Output Terminal O2
13
NC
No Connect
14
O1
Logic Output Terminal O1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com