Electronic Components Datasheet Search
  English  ▼

X  

ADC0831 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC0831
Description  A/D PERIPHERALS WITH SERIAL CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0831 Datasheet(HTML) 6 Page - Texas Instruments

  ADC0831 Datasheet HTML 1Page - Texas Instruments ADC0831 Datasheet HTML 2Page - Texas Instruments ADC0831 Datasheet HTML 3Page - Texas Instruments ADC0831 Datasheet HTML 4Page - Texas Instruments ADC0831 Datasheet HTML 5Page - Texas Instruments ADC0831 Datasheet HTML 6Page - Texas Instruments ADC0831 Datasheet HTML 7Page - Texas Instruments ADC0831 Datasheet HTML 8Page - Texas Instruments ADC0831 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ADC0831A, ADC0832A, ADC0831B, ADC0832B
A/D PERIPHERALS WITH SERIAL CONTROL
SLAS006 – AUGUST 1985 – REVISED JUNE 1986
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
Figure 1. ADC0832 Data Input Timing
50%
tsu
th
th
tsu
50%
VCC
GND
GND
0.4 V
0.4 V
2 V
2 V
DI
0.4 V
CS
CLK
VCC
VCC
GND
Figure 2. Data Output Timing
50%
tpd
50%
GND
VOL
VOH
VCC
CLK
DO
VOLTAGE WAVEFORMS
S2 closed
S1 open
10%
10%
90%
tr
VOLTAGE WAVEFORMS
S2 closed
S1 open
DO and SARS
Output
tr
S1
S2
LOAD CIRCUIT
(see Note A)
CL
From Output
Under Test
Test
Point
CS
CS
tdis
90%
10%
90%
50%
50%
VCC
GND
GND
GND
GND
VCC
–VCC
VCC
VCC
RL
DO and SARS
Output
tdis
Figure 3. Output Disable Time Test Circuit and Voltage Waveforms
NOTE A: CL includes probe and jig capacitance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com