Electronic Components Datasheet Search
  English  ▼

X  

ADC0831 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC0831
Description  A/D PERIPHERALS WITH SERIAL CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0831 Datasheet(HTML) 7 Page - Texas Instruments

  ADC0831 Datasheet HTML 1Page - Texas Instruments ADC0831 Datasheet HTML 2Page - Texas Instruments ADC0831 Datasheet HTML 3Page - Texas Instruments ADC0831 Datasheet HTML 4Page - Texas Instruments ADC0831 Datasheet HTML 5Page - Texas Instruments ADC0831 Datasheet HTML 6Page - Texas Instruments ADC0831 Datasheet HTML 7Page - Texas Instruments ADC0831 Datasheet HTML 8Page - Texas Instruments ADC0831 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ADC0831A, ADC0832A, ADC0831B, ADC0832B
A/D PERIPHERALS WITH SERIAL CONTROL
SLAS006 – AUGUST 1985 – REVISED JUNE 1986
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TYPICAL CHARACTERISTICS
Figure 4
Vref – Reference Voltage – V
10
1.0
0.1
0.01
VI+ = VI– = 0 V
0
2
4
6
8
10
12
14
16
UNADJUSTED OFFSET ERROR
vs
REFERENCE VOLTAGE
Figure 5
Vref – Reference Voltage – V
VCC = 5 V
fclock = 250 kHz
TA = 25°C
5
4
3
2
1
0
0.25
0.5
0.75
1.0
1.25
0
1.5
LINEARITY ERROR
vs
REFERENCE VOLTAGE
Figure 6
TA – Free-Air Tempertature – °C
Vref = 5 V
fclock = 250 kHz
100
75
50
25
0
–25
0.5
0.45
0.4
0.35
0.3
–50
0.25
LINEARITY ERROR
vs
FREE-AIR TEMPERATURE
Figure 7
fclock – Clock Frequency – kHz
25
°C
85
°C
Vref = 5 V
VCC = 5 V
600
500
400
300
200
100
3
2.5
2
1.5
1
0.5
0
0
LINEARITY ERROR
vs
CLOCK FREQUENCY
–40
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com