Electronic Components Datasheet Search
  English  ▼

X  

ADC0832 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC0832
Description  A/D PERIPHERALS WITH SERIAL CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0832 Datasheet(HTML) 5 Page - Texas Instruments

  ADC0832 Datasheet HTML 1Page - Texas Instruments ADC0832 Datasheet HTML 2Page - Texas Instruments ADC0832 Datasheet HTML 3Page - Texas Instruments ADC0832 Datasheet HTML 4Page - Texas Instruments ADC0832 Datasheet HTML 5Page - Texas Instruments ADC0832 Datasheet HTML 6Page - Texas Instruments ADC0832 Datasheet HTML 7Page - Texas Instruments ADC0832 Datasheet HTML 8Page - Texas Instruments ADC0832 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ADC0831A, ADC0832A, ADC0831B, ADC0832B
A/D PERIPHERALS WITH SERIAL CONTROL
SLAS006 – AUGUST 1985 – REVISED JUNE 1986
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical
characteristics
over
recommended
range
of
operating
free-air
temperature,
VCC = 5 V, fclock = 250 kHz (unless otherwise noted)
analog and converter section
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VICR
Common-mode input voltage range
See Note 3
– 0.05
to
VCC+ 0.05
V
On-channel
VI = 5 V
1
II( tdb )
Standby input current (see Note 4)
Off-channel
VI = 0
–1
µA
II(stdby)
Standby input current (see Note 4)
On-channel
VI = 0
–1
µA
Off-channel
VI = 5 V
1
ri(REF)
Input resistance to reference ladder
1.3
2.4
5.9
k
Ω
total device
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
ICC
Supply current
ADC0831
1
2.5
mA
ICC
Supply current
ADC0832
3
5.2
mA
† All parameters are measured under open-loop conditions with zero common-mode input voltage.
‡ All typical values are at VCC = 5 V, TA = 25°C.
NOTES:
3. If channel IN– is more positive than channel IN+, the digital output code will be 0000 0000. Connected to each analog input are two
on-chip diodes that conduct forward current for analog input voltages one diode drop above VCC .Care must be taken during testing
at low VCC levels (4.5 V) because high-level analog input voltage (5 V) can, especially at high temperatures, cause this input diode
to conduct and cause errors for analog inputs that are near full-scale. As long as the analog voltage does not exceed the supply
voltage by more than 50 mV, the output code will be correct. To achieve an absolute 0 V to 5 V input voltage range requires a minimum
VCC of 4.95 V for all variations of temperature and load.
4. Standby input currents are currents going into or out of the on or off channels when the A/D converter is not performing conversion
and the clock is in a high or low steady-state condition.
operating characteristics VCC = REF = 5 V, fclock = 250 kHz, tr = tf = 20 ns, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS§
AI, AC SUFFIX
BI, BC SUFFIX
UNIT
PARAMETER
TEST CONDITIONS§
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Supply-voltage variation error
VCC = 4.75 V to 5.25 V
±1/16
±1/4
±1/16
±1/4
LSB
Total unadjusted error (see Note 5)
Vref = 5 V,
TA = MIN to MAX
±1
±1/2
LSB
Common-mode error
Differential mode
±1/16
±1/4
±1/16
±1/4
LSB
t d
Propagation delay time,
ouput data after CLK
↑
MSB-first data
CL = 100 pF
650
1500
650
1500
ns
tpd
ouput data after CLK
↑
(see Note 6)
LSB-first data
CL = 100 pF
250
600
250
600
ns
tdi
Output disable time,
CL = 10 pF, RL = 10 kΩ
125
250
125
250
ns
tdis
,
DO after CS
↑
CL = 100 pF, RL = 2 kΩ
500
500
ns
tconv
Conversion time (multiplexer addressing
time not included)
8
8
clock
periods
§ All parameters are measured under open-loop conditions with zero common-mode input voltage. For conditions shown as MIN or MAX, use the
appropriate value specified under recommended operating conditions.
NOTES:5. Total unadjusted error includes offset, full-scale, linearity, and multiplexer errors.
6. The most significant-bit-first data is output directly from the comparator and therefore requires additional delay to allow for comparator response
time. Least-significant-bit-first data applies only to ADC0832.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com