Electronic Components Datasheet Search
  English  ▼

X  

ADC0832 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC0832
Description  A/D PERIPHERALS WITH SERIAL CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0832 Datasheet(HTML) 8 Page - Texas Instruments

  ADC0832 Datasheet HTML 1Page - Texas Instruments ADC0832 Datasheet HTML 2Page - Texas Instruments ADC0832 Datasheet HTML 3Page - Texas Instruments ADC0832 Datasheet HTML 4Page - Texas Instruments ADC0832 Datasheet HTML 5Page - Texas Instruments ADC0832 Datasheet HTML 6Page - Texas Instruments ADC0832 Datasheet HTML 7Page - Texas Instruments ADC0832 Datasheet HTML 8Page - Texas Instruments ADC0832 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ADC0831A, ADC0832A, ADC0831B, ADC0832B
A/D PERIPHERALS WITH SERIAL CONTROL
SLAS006 – AUGUST 1985 – REVISED JUNE 1986
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Figure 8
TA – Free-Air Temperature — °C
fclock = 250 kHz
CS = High
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
100
75
50
25
0
–25
1.5
1
–50
0.5
ADC0831
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
Figure 9
fclock – Clock Frequency – kHz
VCC = 5 V
TA = 25°C
1.5
1
0.5
500
400
300
200
100
0
0
ADC0831
SUPPLY CURRENT
vs
CLOCK FREQUENCY
Figure 10
TA – Free-Air Temperature – °C
VCC = 5 V
IOL (VOL = 5 V)
–IOH (VOH = 0 V)
–IOH (VOH = 2.4 V)
IOL (VOL = 0.4 V)
20
25
15
10
5
100
75
50
25
0
–25
–50
0
OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com