Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF82IRMPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF82IRMPR
Description  Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF82IRMPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC32RF82IRMPR Datasheet HTML 17Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 18Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 19Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 20Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 21Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 22Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 23Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 24Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 151 page
background image
Frequency (MHz)
-156.25
-93.75
-31.25
31.25
93.75
156.25
-120
-100
-80
-60
-40
-20
0
D053
Frequency (MHz)
-138.9
-83.34
-27.78
27.78
83.34
138.9
-120
-100
-80
-60
-40
-20
0
D054
Frequency (MHz)
-312.5
-187.5
-62.5
62.5
187.5
312.5
-120
-100
-80
-60
-40
-20
0
D051
Frequency (MHz)
-208.3
-124.98
-41.66
41.66
124.98
208.3
-120
-100
-80
-60
-40
-20
0
D052
Frequency of Input Common-Mode Signal (MHz)
0.2
1
10
100
200
0
10
20
30
40
50
D050
Frequency (MHz)
0
250
500
750
1000
1250
-120
-100
-80
-60
-40
-20
0
D049
21
ADC32RF82
www.ti.com
SBAS869 – SEPTEMBER 2017
Product Folder Links: ADC32RF82
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2457.6 MSPS, DDC bypassed performance, 50% clock duty
cycle, AVDD19 = 1.9 V, AVDD = DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise noted)
fCMRR = 10 MHz
Figure 51. Common-Mode Rejection Ratio FFT
Figure 52. Common-Mode Rejection Ratio vs
Tone Frequency
fIN = 900 MHz, AIN = –2 dBFS, fS = 2457.6 MSPS,
SNR = 62.8 dBFS, SFDR (includes IL) = 72 dBc
Figure 53. FFT in 4x Decimation (Complex Output)
fIN = 900 MHz, AIN = –2 dBFS, fS = 2457.6 MSPS,
SNR = 64.5 dBFS, SFDR (includes IL) = 79 dBc
Figure 54. FFT in 6x Decimation (Complex Output)
fIN = 900 MHz, AIN = –2 dBFS, fS = 2457.6 MSPS,
SNR = 65 dBFS, SFDR (includes IL) = 80 dBc
Figure 55. FFT in 8x Decimation (Complex Output)
fIN = 900 MHz, AIN = –2 dBFS, fS = 2457.6 MSPS,
SNR = 66.4 dBFS, SFDR (includes IL) = 88 dBc
Figure 56. FFT in 9x Decimation (Complex Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com