Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF82IRMPR Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF82IRMPR
Description  Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF82IRMPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADC32RF82IRMPR Datasheet HTML 45Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 46Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 47Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 48Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 49Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 50Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 51Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 52Page - Texas Instruments ADC32RF82IRMPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 151 page
background image
49
ADC32RF82
www.ti.com
SBAS869 – SEPTEMBER 2017
Product Folder Links: ADC32RF82
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 9 shows the register configurations required to set up the crossing detector. The detector operates in the
fS / 8 clock domain. The AGC modes can be configured separately for channel A (54xxh) and channel B (5Cxxh),
although some registers are common in 54xxh (such as the GPIO pin selection).
Table 9. Registers Required for the Crossing Detector Operation
REGISTER
ADDRESS
DESCRIPTION
PKDET EN
5400h, 5C00h
Enables peak detector
BLKPKDET
5401h, 5402h, 5403h,
5C01h, 5C02h, 5C03h
Sets the block length N of number of samples (S`).
Number of actual ADC samples is 8x this value: N is 17 bits: 1 to 216.
BLKTHHH, BLKTHHL,
BLKTHLH, BLKTHLL
5407h, 5408h, 5409h,
540Ah, 5C07h, 5C08h,
5C09h, 5C0Ah
Sets the different thresholds for the hysteresis function values from 0 to 256
(where 256 is equivalent to the peak amplitude).
For example: if BLKTHHH is to –2 dBFS from peak, 10(–2 / 20) × 256 = 203, then
set 5407h and 5C07h = CBh.
FILT0LPSEL
540Dh, 5C0Dh
Select block detector output or 2-bit output mode as the input to the interrupt
identification register (IIR) filter.
TIMECONST
540Eh, 540Fh,
5C0Eh, 5C0Fh
Sets the crossing detector time period for N = 0 to 15 as 2N × fS / 8 clock cycles.
The maximum time period is 32768 × fS / 8 clock cycles (approximately 87 µs at
3 GSPS).
FIL0THH, FIL0THL,
FIL1THH, FIL1THL
540Fh-5412h, 5C0Fh-
5C12h, 5416h-5419h,
5C16h-5C19h
Comparison thresholds for the crossing detector counter. These thresholds are 16-
bit thresholds in 2.14-signed notation. A value of 1 (4000h) corresponds to 100%
crossings, a value of 0.125 (0800h) corresponds to 12.5% crossings.
DWELLIIR
541Dh, 541Eh, 5C1Dh,
5C1Eh
DWELL counter for the IIR filter hysteresis.
IIR0 2BIT EN,
IIR1 2BIT EN
5413h, 54114h,
5C13h, 5C114h
Enables 2-bit output format for the crossing detector.
OUTSEL GPIO[4:1]
5432h, 5433h,
5434h, 5435h
Connects the IIRPKDET0, IIRPKDET1 alarms to the GPIO pins; common register.
IODIR
5437h
Selects the direction for the four GPIO pins; common register.
RESET AGC
542Bh, 5C2Bh
After configuration, reset the AGC module to start operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com