Electronic Components Datasheet Search
  English  ▼

X  

AH182 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AH182
Description  Low power Hall Effect Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH182 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AH182 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH182 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH182 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH182 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH182 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH182 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AH182/AH183
Low power Hall Effect Switch
Anachip Corp.
www.anachip.com.tw
Rev 0.3 May 7, 2004
5/6
Marking Information
(1) SOT23
(2) SIP3
K2: AH182
K3: AH183
XX YM X
Date code
Y : Year
M : Month (A~L)
(Top View)
ID code
A~Z: Non-Lead Free
a~z: Lead Free
182/183
YWW X
Date code
Y : Year
WW : Nth week
(Top View)
ID code
A~Z: Non-Lead Free
a~z : Lead Free
Package Information
(1)Package type: SIP-3L
Active Area Depth
Sensor Location
12
3
2.00mm
1.15mm
0.51mm
NOM
BRANDED
SURFACE
1.57mm
1.47mm
4.17mm
4.04mm
1.82
mm
15.50mm
13.00mm
1
2
3
1.27mm
0.41mm
0.41mm
45º
45º
0.38mm
0.7mm
3.10mm
2.97mm
Package Dimension



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com