Electronic Components Datasheet Search
  English  ▼

X  

AH182 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AH182
Description  Low power Hall Effect Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH182 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AH182 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH182 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH182 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH182 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH182 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH182 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AH182/AH183
Low power Hall Effect Switch
Anachip Corp.
www.anachip.com.tw
Rev 0.3 May 7, 2004
2/6
Block Diagram
1
Reg./Switch
Hall Plate
Amp
Output
3
VCC
Gnd
2
Latch
Typical Circuit
AH182/
AH183
2.5~5.5V
Digital
Output
Vcc
Output
Gnd
R
L
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Values
Unit
Supply voltage
VCC
7
V
Magnetic flux density
B
Unlimited
Operating Temperature Range
Ta
-40 to +85
°C
Storage Temperature Range
Ts
-65 to +170
°C
SIP3
550
mW
Package Power Dissipation
PD
SOT23-3
230
mW
Maximum Junction Temp
Tjc
150
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com