Electronic Components Datasheet Search
  English  ▼

X  

SST8810J Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SST8810J
Description  N-Ch Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SST8810J Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SST8810J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SST8810J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SST8810J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Elektronische Bauelemente
SST8810J
7A, 20V, RDS(ON) 20 mΩ
Ω
Ω
Ω
N-Ch Enhancement Mode Power MOSFET
26-Oct-2015 Rev. A
Page 1 of 3
B
L
F
H
C
J
D G
K
A
E
L8810
121
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
SST8810J uses advanced trench technology to provide excellent
RDS(ON) and low gate charge. It is protected by ESD. This device is
suitable for the use as a uni-directional or bi-directional load switch,
facilitated by its common-drain configuration.
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-26
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
7
A
Pulsed Drain Current
1
IDM
30
A
Thermal Resistance from Junction to Ambient
RθJA
83.3
°C / W
Lead Temperature for Soldering Purposes@1/8’’ from
case for 10s
TL
260
°C
Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Notes:
1.
Repetitive rating: Pulse width is limited by the junction temperature.
SOT-26
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D
1.30 MAX.
K
0°
10°
E
1.90 REF.
L
0.95 REF.
F
0.30
0.50
D1/D2
D1/D2
G1
S1
S2
G2


Similar Part No. - SST8810J

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST88VP1107 SST-SST88VP1107 Datasheet
259Kb / 14P
All-in-OneMemory
SST88VP1107-80-5C-LBSE SST-SST88VP1107-80-5C-LBSE Datasheet
259Kb / 14P
All-in-OneMemory
SST88VP1107-80-5W-LBSE SST-SST88VP1107-80-5W-LBSE Datasheet
259Kb / 14P
All-in-OneMemory
More results

Similar Description - SST8810J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2310A SECOS-SMG2310A Datasheet
906Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSD20N10-130D SECOS-SSD20N10-130D Datasheet
538Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSE04N65SL SECOS-SSE04N65SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF02N65SL SECOS-SSRF02N65SL Datasheet
577Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com