Electronic Components Datasheet Search
  English  ▼

X  

EC3276 Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC3276
Description  2.2A/32V Synchronous Rectified Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3276 Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC3276 Datasheet HTML 2Page - E-CMOS Corporation EC3276 Datasheet HTML 3Page - E-CMOS Corporation EC3276 Datasheet HTML 4Page - E-CMOS Corporation EC3276 Datasheet HTML 5Page - E-CMOS Corporation EC3276 Datasheet HTML 6Page - E-CMOS Corporation EC3276 Datasheet HTML 7Page - E-CMOS Corporation EC3276 Datasheet HTML 8Page - E-CMOS Corporation EC3276 Datasheet HTML 9Page - E-CMOS Corporation EC3276 Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 12
3G16N-Rev.P001
2.2A/32V Synchronous Rectified
Step-Down Converter
EC3276
Electrical Characteristics(Cont.)
VIN = 12V, Ta = 25℃ unless otherwise specified.
Parameters
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input Under Voltage Lockout
Threshold
VIN Rising
3.80
4.10
4.40
V
Input Under Voltage Lockout
Threshold Hysteresis
210
mV
Soft-Start Current
VSS = 0V
6
µA
Soft-Start Period
CSS = 0.1µF
15
ms
Thermal Shutdown
*
160
°C
Typical Performance Characteristics
Figure 5. Steady State Test
Figure 6. Steady State Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com