Electronic Components Datasheet Search
  English  ▼

X  

EC3276 Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC3276
Description  2.2A/32V Synchronous Rectified Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3276 Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC3276 Datasheet HTML 4Page - E-CMOS Corporation EC3276 Datasheet HTML 5Page - E-CMOS Corporation EC3276 Datasheet HTML 6Page - E-CMOS Corporation EC3276 Datasheet HTML 7Page - E-CMOS Corporation EC3276 Datasheet HTML 8Page - E-CMOS Corporation EC3276 Datasheet HTML 9Page - E-CMOS Corporation EC3276 Datasheet HTML 10Page - E-CMOS Corporation EC3276 Datasheet HTML 11Page - E-CMOS Corporation EC3276 Datasheet HTML 12Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 9 of 12
3G16N-Rev.P001
2.2A/32V Synchronous Rectified
Step-Down Converter
EC3276
Function Description
Component Selection
Setting the Output Voltage
The output voltage is set using a resistive voltage divider
from the output voltage to FB pin. The voltage divider
divides the output voltage down to the feedback voltage by
the ratio:
Where VFB is the feedback voltage and VOUT is the output
voltage. Thus the output voltage is:
R2 can be as high as 100kΩ, but a typical value is 10kΩ.
Using the typical value for R2, R1 is determined by:
For example, for a 3.3V output voltage, R2 is 10kΩ, and R1
is 26.1kΩ.
Inductor
The inductor is required to supply constant current to the
output load while being driven by the switched input voltage.
A larger value inductor will result in less ripple current that
will result in lower output ripple voltage. However, the larger
value inductor will have a larger physical size, higher series
resistance, and/or lower saturation current. A good rule for
determining the inductance to use is to allow the
peak-to-peak ripple current in the inductor to be
approximately 30% of the maximum switch current limit.
Also, make sure that the peak inductor current is below the
maximum switch current limit. The inductance value can be
calculated by:
Where VOUT is the output voltage, VIN is the input voltage,
fS is the switching frequency, and ΔIL is the peak-to-peak
inductor ripple current.
Choose an inductor that will not saturate under the
maximum inductor peak current. The peak inductor current
can be calculated by:
Where ILOAD is the load current.
The choice of which style inductor to use mainly depends
on the price vs. size requirements and any EMI
requirements.
Optional Schottky Diode
During the transition between high-side switch and low-side
switch, the body diode of the lowside power MOSFET
conducts the inductor current. The forward voltage of this
body diode is high. An optional Schottky diode may be
paralleled between the SW pin and GND pin to improve
overall efficiency. Table 1 lists example Schottky diodes
and their Manufacturers.
Table 1:
Part Number
Voltage/Current
Vendor
B140
40V, 1A
Diodes, Inc.
SK14
40V, 1A
Diodes, Inc.
MBRS140
40V, 1A
International Rectifier
Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required to supply
the AC current to the step-down converter while maintaining
the DC input voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors are preferred, but
tantalum or low-ESR electrolytic capacitors may also
suffice. Choose X5R or X7R dielectrics when using ceramic
capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com