Electronic Components Datasheet Search
  English  ▼

X  

EC3292 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC3292
Description  2A, 18V, Synchronous Step-down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3292 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC3292 Datasheet HTML 1Page - E-CMOS Corporation EC3292 Datasheet HTML 2Page - E-CMOS Corporation EC3292 Datasheet HTML 3Page - E-CMOS Corporation EC3292 Datasheet HTML 4Page - E-CMOS Corporation EC3292 Datasheet HTML 5Page - E-CMOS Corporation EC3292 Datasheet HTML 6Page - E-CMOS Corporation EC3292 Datasheet HTML 7Page - E-CMOS Corporation EC3292 Datasheet HTML 8Page - E-CMOS Corporation EC3292 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2A, 18V, Synchronous Step-down DC/DC Converter
EC3292
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 10
3L03N-Rev.P001
Typical Characteristics
VIN = 12V, VO = 3.3V, L1 = 4.7μH, C1 = 10μF, C2 = 10μF x 2, TA = +25°C, unless otherwise noted.
Start UP & Inrush Current
12V→3.3V (Load 1A)
Shut Down (Iout
1A→Shut down)
Output Ripple (12V => 3.3V, Load=2A)
Output Ripple (12V => 3.3V, Load=1A)
Output Ripple (12V => 3.3V, Load=0A)
Dynamic Load (Iload=0.2A_2AVout=3.3V)
Short Circuit Protection
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com