Electronic Components Datasheet Search
  English  ▼

X  

EC3292 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC3292
Description  2A, 18V, Synchronous Step-down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3292 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC3292 Datasheet HTML 1Page - E-CMOS Corporation EC3292 Datasheet HTML 2Page - E-CMOS Corporation EC3292 Datasheet HTML 3Page - E-CMOS Corporation EC3292 Datasheet HTML 4Page - E-CMOS Corporation EC3292 Datasheet HTML 5Page - E-CMOS Corporation EC3292 Datasheet HTML 6Page - E-CMOS Corporation EC3292 Datasheet HTML 7Page - E-CMOS Corporation EC3292 Datasheet HTML 8Page - E-CMOS Corporation EC3292 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2A, 18V, Synchronous Step-down DC/DC Converter
EC3292
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 10
3L03N-Rev.P001
General Description
The EC3292 is a high-frequency, synchronous, rectified,
step-down, switch-mode converter with internal power
MOSFETs. It offers a very compact solution to achieve
a 2A continuous output current over a wide input supply
range, with excellent load and line regulation.
The EC3292 has synchronous-mode operation for higher
efficiency over the output current-load range.
Current-mode operation provides fast transient response
and eases loop stabilization.
Protection features include over-current protection and
thermal shutdown.
The EC3292 requires a minimal number of readily
available, standard external components and is available
in a space-saving SOP-8L(Exposed Pad) package.
Features
● 4.75V to 18V input voltage
● Output adjustable from 0.923V to 15V
● Output current up to 2A
● Integrated 135mΩ/100mΩ power MOSFET switches
● Shutdown current 3μA typical
● Efficiency up to 95%
● Programmable switching frequency up to 1.5MHz
● Internal soft start
● Over current protection and Hiccup
● Over temperature protection
● RoHS Compliant and 100% Lead (Pb) Free
Applications
● Distributed power systems
● Networking systems
● FPGA, DSP, ASIC power supplies
● Notebook computers
● Green electronics or appliance
Pin Assignments
Pin Description
Pin
Symbol
Description
1
BOOT
High-side Gate drive boost input.
2
IN
Power Input
3
SW
Power Switching Output.
4
GND
Ground.
5
FB
Feedback input.
6
COMP
Compensation node
7
EN
Enable Input.
8
FREQ
Switching Frequency Program Input.


Similar Part No. - EC3292

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3292A E-CMOS-EC3292A Datasheet
293Kb / 10P
2A, 18V, 500KHz, Synchronous StepDown DC/DC Converter
EC3292ANT3R E-CMOS-EC3292ANT3R Datasheet
293Kb / 10P
2A, 18V, 500KHz, Synchronous StepDown DC/DC Converter
EC3292B E-CMOS-EC3292B Datasheet
413Kb / 14P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
EC3292BNB3R E-CMOS-EC3292BNB3R Datasheet
413Kb / 14P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
More results

Similar Description - EC3292

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
ELM Technology Corporat...
ELM614BA ELM-TECH-ELM614BA Datasheet
1Mb / 8P
2A, 18V, 500kHz, synchronous step down DC/DC converter
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
2A 18V 500kHz synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
3A, 18V, Synchronous Step-down DC/DC Converter
EC3292B E-CMOS-EC3292B Datasheet
413Kb / 14P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7222 AITSEMI-A7222 Datasheet
1Mb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 18V, 2A SYNCHRONOUS
REV1.1
A7222B AITSEMI-A7222B Datasheet
687Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz 2A 18V SYNCHRONOUS
REV1.0
logo
Major-Power Technology ...
MA5201 MPOWER-MA5201 Datasheet
277Kb / 2P
18V/2A High Efficiency Synchronous Step-Down DC/DC Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com