Electronic Components Datasheet Search
  English  ▼

X  

EC3293 Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # EC3293
Description  3A, 18V, Synchronous Step-down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3293 Datasheet(HTML) 8 Page - E-CMOS Corporation

Back Button EC3293 Datasheet HTML 3Page - E-CMOS Corporation EC3293 Datasheet HTML 4Page - E-CMOS Corporation EC3293 Datasheet HTML 5Page - E-CMOS Corporation EC3293 Datasheet HTML 6Page - E-CMOS Corporation EC3293 Datasheet HTML 7Page - E-CMOS Corporation EC3293 Datasheet HTML 8Page - E-CMOS Corporation EC3293 Datasheet HTML 9Page - E-CMOS Corporation EC3293 Datasheet HTML 10Page - E-CMOS Corporation EC3293 Datasheet HTML 11Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293
E-CMOS Corp. (www.ecmos.com.tw)
Page 8 of 11
3L03N-Rev.P001
Application Information(Cont.)
ripple current that will result in lower output ripple
voltage. However, the larger value inductor will have a
larger physical size, higher series resistance, and/or
lower saturation current. A good rule for determining
the inductance to use is to allow the peak-to-peak ripple
current in the inductor to be approximately 30% of the
maximum switch current limit. Also, make sure that the
peak inductor current is below the maximum switch
current limit. The inductance value can be calculated by:
L = [ VOUT / (fS × ΔIL) ] × (1 − VOUT/VIN)
Where VOUT is the output voltage, VIN is the input voltage,
fS is the switching frequency, and ΔIL is the peak-to-peak
inductor ripple current.
Choose an inductor that will not saturate under the
maximum inductor peak current. The peak inductor
current can be calculated by:
ILP = ILOAD + [ VOUT / (2 × fS × L) ] × (1 − VOUT/VIN)
Where ILOAD is the load current.
The choice of which style inductor to use mainly
depends on the price vs. size requirements and any EMI
requirements.
Optional Schottky Diode
During the transition between high-side switch and
low-side switch, the body diode of the low-side power
MOSFET conducts the inductor current. The forward
voltage of this body diode is high. An optional Schottky
diode may be paralleled between the SW pin and GND
pin to improve overall efficiency. Table 1 lists example
Schottky diodes and their Manufacturers.
Table 1. Diode Selection guide
Input Capacitor
The input current to the step-down converte is
discontinuous, therefore a capacitor is required
to supply the AC current to the step-down converter
while maintaining the DC input voltage. Use low ESR
capacitors for the best performance. Ceramic capacitors
are preferred,but tantalum or low-ESR electrolytic
capacitors may also suffice. Choose X5R or X7R
dielectrics when using ceramic capacitors.
Since
the
input
capacitor
(C1)
absorbs
the
input
switching current it requires an adequate ripple current
rating. The RMS current in the input capacitor can be
estimated by:
IC1 = ILOAD × [ (VOUT/VIN) × (1 − VOUT/VIN) ]
1/2
The worst-case condition occurs at VIN = 2VOUT, where IC1
= ILOAD/2. For simplification, choose the input capacitor
whose RMS current rating greater than half of the
maximum load current.
The input capacitor can be electrolytic, tantalum or
ceramic. When using electrolytic or tantalum capacitors,
a small, high quality ceramic capacitor, i.e.
0.1μF, should
be placed as close to the IC as possible. When using
ceramic capacitors, make sure that they have enough
capacitance to provide sufficient charge to prevent
excessive voltage ripple at input. The input voltage
ripple for low ESR capacitors can be estimated by:
ΔV
IN = [ ILOAD/(C1 × fS) ] × (VOUT/VIN) × (1 − VOUT/VIN)
Where C1 is the input capacitance value.
Output Capacitor
The output capacitor is required to maintain the DC
output
voltage.
Ceramic,
tantalum,
or
low
ESR
electrolytic capacitors are recommended. Low ESR
capacitors are preferred to keep the output voltage
ripple low. The output voltage ripple can be estimated
by:
ΔV
OUT = [ VOUT/(fS × L) ] × (1 − VOUT/VIN)
× [ RESR + 1 / (8 × fS × C2) ]
Where C2 is the output capacitance value and RESR is the
equivalent series resistance (ESR) value of the output
capacitor.
In the case of ceramic capacitors, the impedance at the
switching frequency is dominated by the capacitance.
The output voltage ripple is mainly caused by the
capacitance. For simplification, the output voltage ripple
can be estimated by:
ΔV
OUT = [ VOUT/(8 × fS
2
× L × C2) ] × (1 − V
OUT/VIN)
In the case of tantalum or electrolytic capacitors, the
ESR
dominates
the
impedance
at
the
switching
frequency. For simplification, the output ripple can be
approximated to:
ΔV
OUT = [ VOUT/(fS × L) ] × (1 − VOUT/VIN) × RESR
The characteristics of the output capacitor also affect
the stability of the regulation system. The EC3293
Part
Number
Voltage and
Current Rating
Vendor
B130
30V, 1A
Diodes Inc.
SK13
30V, 1A
Diodes Inc.
MBRS130
30V, 1A
International
Rectifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com