Electronic Components Datasheet Search
  English  ▼

X  

EC3293 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC3293
Description  3A, 18V, Synchronous Step-down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3293 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC3293 Datasheet HTML 1Page - E-CMOS Corporation EC3293 Datasheet HTML 2Page - E-CMOS Corporation EC3293 Datasheet HTML 3Page - E-CMOS Corporation EC3293 Datasheet HTML 4Page - E-CMOS Corporation EC3293 Datasheet HTML 5Page - E-CMOS Corporation EC3293 Datasheet HTML 6Page - E-CMOS Corporation EC3293 Datasheet HTML 7Page - E-CMOS Corporation EC3293 Datasheet HTML 8Page - E-CMOS Corporation EC3293 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 11
3L03N-Rev.P001
General Description
The EC3293 is a high-frequency, synchronous, rectified,
step-down, switch-mode converter with internal power
MOSFETs. It offers a very compact solution to achieve
a 3A continuous output current over a wide input supply
range, with excellent load and line regulation.
The EC3293 has synchronous-mode operation for higher
efficiency over the output current-load range.
Current-mode operation provides fast transient response
and eases loop stabilization.
Protection features include over-current protection and
thermal shutdown.
The EC3293 requires a minimal number of readily
available, standard external components and is available
in a space-saving SOP-8L(Exposed Pad) package.
Features
● 4.75V to 18V input voltage
● Output adjustable from 0.923V to 15V
● Output current up to 3A
● Integrated 105mΩ/85mΩ power MOSFET switches
● Shutdown current 3μA typical
● Efficiency up to 95%
● Programmable switching frequency up to 1.5MHz
● Internal soft start
● Over current protection and Hiccup
● Over temperature protection
● RoHS Compliant and 100% Lead (Pb) Free
Applications
● Distributed power systems
● Networking systems
● FPGA, DSP, ASIC power supplies
● Notebook computers
● Green electronics or appliance
Pin Assignments
Pin Description
Pin
Symbol
Description
1
BOOT
High-side Gate drive boost input.
2
IN
Power Input
3
SW
Power Switching Output.
4
GND
Ground.
5
FB
Feedback input.
6
COMP
Compensation node
7
EN
Enable Input.
8
FREQ
Switching Frequency Program Input.


Similar Part No. - EC3293

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293ANT3R E-CMOS-EC3293ANT3R Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293BNT3R E-CMOS-EC3293BNT3R Datasheet
577Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
More results

Similar Description - EC3293

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2113 ACTIVE-SEMI-ACT2113 Datasheet
690Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103_14 Datasheet
732Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
3A, 18V Synchronous Step-Down Converter
logo
AiT Semiconductor Inc.
A7230 AITSEMI-A7230 Datasheet
1Mb / 17P
DC-DC CONVERTER BUCK (STEP-DOWN) 3A, 18V SYNCHRONOUS RECTIFIED
REV1.1
logo
Fitipower Integrated Te...
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com