Electronic Components Datasheet Search
  English  ▼

X  

EC9301H Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC9301H
Description  3A 150KHz PWM Buck DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9301H Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC9301H Datasheet HTML 1Page - E-CMOS Corporation EC9301H Datasheet HTML 2Page - E-CMOS Corporation EC9301H Datasheet HTML 3Page - E-CMOS Corporation EC9301H Datasheet HTML 4Page - E-CMOS Corporation EC9301H Datasheet HTML 5Page - E-CMOS Corporation EC9301H Datasheet HTML 6Page - E-CMOS Corporation EC9301H Datasheet HTML 7Page - E-CMOS Corporation EC9301H Datasheet HTML 8Page - E-CMOS Corporation EC9301H Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 14
3L11N Rev. P001
3A 150KHz PWM Buck DC/DC Converter
EC9301H
Figure 2. Pin Configuration of EC9301H
Pin No
Name
Description
1
Vin
Input supply voltage
2
Output
Switching output
3
GND
Ground
4
Feedback
Output voltage feedback
5
ON/OFF
ON/OFF shutdown
Active is
“Low” or GND
Pin Assignment (Top-View)
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com