Electronic Components Datasheet Search
  English  ▼

X  

EC5420AI-F Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC5420AI-F
Description  High Slew Rate Rail-to-Rail Quad Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5420AI-F Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC5420AI-F Datasheet HTML 2Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 3Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 4Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 5Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 6Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 7Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 8Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 9Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 10Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
EC5420A
High Slew Rate Rail-to-Rail
Quad Operational Amplifiers
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 10
Revision 2008/12/25
Applications Information
Product Description
The EC5420A rail-to-rail quad channels amplifier is built on an advanced high voltage CMOS process. It’s beyond rails
input capability and full swing of output range made itself an ideal amplifier for use in a wide range of general-purpose
applications. The features of 20V/µS high slew rate, fast settling time, 8MHz of GBWP as well as high output driving
capability have proven the EC5420A a good voltage reference buffer for TFT-LCD for applications. High phase margin
make the EC5420A ideal for Connected in voltage follower mode for high drive applications
Supply Voltage, Input Range and Output Swing
The EC5420A can be operated with a single nominal wide supply voltage ranging from 4.5V to 18V with stable
performance over operating temperatures of -20 °C to +85 °C.
With 500mV greater than rail-to-rail input common mode voltage range and 80dB of Common Mode Rejection Ratio,
the EC5420A allows a wide range sensing among many applications without having any concerns over exceeding the
range and no compromise in accuracy. The output swings of the EC5420A typically extend to within 80mV of positive
and negative supply rails with load currents of 5mA. The output voltage swing can be even closer to the supply rails by
merely decreasing the load current. Figure 1 shows the input and output waveforms for the device in the unity-gain
configuration. The amplifier is operated under ±5V supply with a 10k load connected to GND. The input is a 10Vp
 
-p
sinusoid. An approximately 9.985 Vp-p of output voltage swing can be easily achieved.
Figure 1. Operation with Rail-to-Rail Input and Output
Output Short Circuit Current Limit
A +/-150mA short circuit current will be limited by the EC5420A if the output is directly shorted to the positive or the
negative supply. For an indefinitely output short circuit, the power dissipation could easily increase such that the device
may be damaged. The internal metal interconnections are well designed to prevent the output continuous current from
exceeding +/-30 mA such that the maximum reliability can be well maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com