Electronic Components Datasheet Search
  English  ▼

X  

EC5420AI-F Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC5420AI-F
Description  High Slew Rate Rail-to-Rail Quad Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5420AI-F Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC5420AI-F Datasheet HTML 1Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 2Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 3Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 4Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 5Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 6Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 7Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 8Page - E-CMOS Corporation EC5420AI-F Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EC5420A
High Slew Rate Rail-to-Rail
Quad Operational Amplifiers
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 10
Revision 2008/12/25
Introduction
(General Description)
The EC5420A is a 30mA output current rail-to-rail
quad channels operational amplifier with wide supply
range from 4.5V to 18V while consumes only 750uA
per channel. It provides 0.5V beyond the supply rails
of common mode input range and capability of
rail-to-rail output swing as well. This enables the
amplifier to offer maximum dynamic range at any
supply voltage among many applications. A 8MHz
gain bandwidth product allows EC5420A to perform
more
stable
than
other
devices
in
Internet
applications.
With features of 20V/μs high slew rate and 200ns of
fast settling time, as well as 30mA (sink and source)
of high output driving capability, the EC5420A is ideal
for the requirements of flat panel Thin Film Transistor
Liquid Crystal Displays (TFT-LCD) panel reference
buffers application. Due to insensitive to power supply
variation, EC5420A offers flexibility of use in multitude
of applications such as battery power, portable
devices and anywhere low power consumption is
concerned. With standard operational amplifier pin
assignment, the EC5420A is offered in space saving
14-Pin TSSOP package and specified over the -20°C
to +85°C temperature range.
Features
Wide supply voltage range 4.5V ~ 18V
Input range 500mV beyond the rails
Unity-gain stable
Rail-to-rail output swing
High slew rate 20V/μs
GBWP 8 MHz
12 MHz -3dB Bandwidth
Ultra-small Package TSSOP-14
Applications
TFT-LCD Reference Driver
Touch-Screen Display
Wireless LANs
Personal Communication Devices
Direct Access Arrangement
Personal Digital Assistant (PDA)
Active Filter
Sampling ADC Amplifier
ADC/DAC Buffer
Electronic Notebook
Office Automation
PIN ASSIGNMENT


Similar Part No. - EC5420AI-F

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5420I-F E-CMOS-EC5420I-F Datasheet
580Kb / 9P
High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5420I-G E-CMOS-EC5420I-G Datasheet
580Kb / 9P
High Slew Rate Rail-to-Rail Quad Operational Amplifiers
More results

Similar Description - EC5420AI-F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2772Y TI-TLV2772Y Datasheet
638Kb / 32P
2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_16 Datasheet
476Kb / 17P
Operational Amplifiers High Slew Rate, Rail-to-Rail Output
August, 2016 ??Rev. 11
logo
E-CMOS Corporation
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5601 E-CMOS-EC5601 Datasheet
1Mb / 11P
High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
High Slew Rate Rail-to-Rail Dual Operational Amplifiers
EC5611 E-CMOS-EC5611 Datasheet
730Kb / 11P
High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5614 E-CMOS-EC5614 Datasheet
596Kb / 9P
High Performance Rail-to-Rail Quad Operational Amplifiers
logo
Unisonic Technologies
ULV2772 UTC-ULV2772 Datasheet
186Kb / 8P
FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com