Electronic Components Datasheet Search
  English  ▼

X  

EC3202S Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC3202S
Description  2A, 1.5MHz, Synchronous Step Down DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3202S Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC3202S Datasheet HTML 1Page - E-CMOS Corporation EC3202S Datasheet HTML 2Page - E-CMOS Corporation EC3202S Datasheet HTML 3Page - E-CMOS Corporation EC3202S Datasheet HTML 4Page - E-CMOS Corporation EC3202S Datasheet HTML 5Page - E-CMOS Corporation EC3202S Datasheet HTML 6Page - E-CMOS Corporation EC3202S Datasheet HTML 7Page - E-CMOS Corporation EC3202S Datasheet HTML 8Page - E-CMOS Corporation EC3202S Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EC3202S
2A, 1.5MHz, Synchronous
Step Down DC/DC Converter
E-CMOS Corp. (www.ecmos.com.tw)
5E12N-Rev. F001
2/9
Pin Description
TSOT23-5L
TDFN 2x2-6L
Symbol
Description
1
2
EN
Enable control input pin.
2
5
GND
Ground pin.
3
4
SW
Power switch output.
4
3
Vin
Main supply pin.
---
1
NC
No connected.
5
6
FB
Feedback pin.
Vout=0.6×(1+R1/R2).
Add optional C1 to speed up transient response.
Typical Application Circuit, Adjustable Output Voltage
Vout = VFB × (1 + R1/R2)
with R1 = 300k for typical application,
and C1 should be in the range between 10pF and 47pF for component selection.
Ordering Information
Part Number
Package
Marking
Marking Information
EC3202SNT2R
TSOT23-5L
08LDD
1.
L:Lot No
2.
DD:Date Code



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com