Electronic Components Datasheet Search
  English  ▼

X  

EC3202S Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC3202S
Description  2A, 1.5MHz, Synchronous Step Down DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3202S Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC3202S Datasheet HTML 1Page - E-CMOS Corporation EC3202S Datasheet HTML 2Page - E-CMOS Corporation EC3202S Datasheet HTML 3Page - E-CMOS Corporation EC3202S Datasheet HTML 4Page - E-CMOS Corporation EC3202S Datasheet HTML 5Page - E-CMOS Corporation EC3202S Datasheet HTML 6Page - E-CMOS Corporation EC3202S Datasheet HTML 7Page - E-CMOS Corporation EC3202S Datasheet HTML 8Page - E-CMOS Corporation EC3202S Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EC3202S
2A, 1.5MHz, Synchronous
Step Down DC/DC Converter
E-CMOS Corp. (www.ecmos.com.tw)
5E12N-Rev. F001
3/9
Absolute Maximum Ratings
(Note 1)
Vin to GND …………………………………………… –0.3V to +6V
SW Voltage to GND ...…………………… –0.3V to Vin+0.3V
EN Voltage to GND ..……………………………… –0.3V to Vin
FB/Vout to GND ..………………………………… –0.3V to Vin
SW Peak Current ………………………………………….………. 3A
Operating Temperature Range ……...… –40°C to +85°C
Junction Temperature ……………..………….…........ +150°C
Storage Temperature Range …………... –65°C to +150°C
Lead Temperature (Soldering 10s) …………...…. +260°C
ESD Classi
fication …………………………………………… Class 2
CAUTION: Stresses above those listed in
“Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress only rating and operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not implied.
Package Thermal Characteristics
(Note 2)
TSOT23-5L:
Thermal Resistance, θJA …………..………………… 250°C/W
Thermal Resistance, θJC …………..………………… 130°C/W
TDFN 2x2-6L:
Thermal Resis
tance, θJA …………..…………………. 120°C/W
Thermal Resistance, θJC …………..…………………… 20°C/W
Recommended Operating Conditions
(Note 3)
Supply Input Voltage ……….………………… +2.5V to +5.5V
Junction Temperature Range…………… –40°C to +125°C
Ambient Temperature Range …………… –40°C to +85°C
Block Diagram
PWM
Logic
Oscillator
+
_
+
_
Reference
Vin
Zero-current
comparator
DCC
M1
M2
Current
Sense
Amplifier
UG
LG
SW
GND
PWM
Comparator
Clock
0.6V
FB
EN
Error
Amplifier
Slop Comp



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com