Electronic Components Datasheet Search
  English  ▼

X  

EC5741 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC5741
Description  Super Low Power, CMOS, Rail-to-Rail Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5741 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC5741 Datasheet HTML 1Page - E-CMOS Corporation EC5741 Datasheet HTML 2Page - E-CMOS Corporation EC5741 Datasheet HTML 3Page - E-CMOS Corporation EC5741 Datasheet HTML 4Page - E-CMOS Corporation EC5741 Datasheet HTML 5Page - E-CMOS Corporation EC5741 Datasheet HTML 6Page - E-CMOS Corporation EC5741 Datasheet HTML 7Page - E-CMOS Corporation EC5741 Datasheet HTML 8Page - E-CMOS Corporation EC5741 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Super Low Power, CMOS,
Rail-to-Rail Operational Amplifier
EC5741
E-CMOS Corp. (www.ecmos.com.tw)
3L03N-Rev.P001
Page 2 of 15
Ordering Information
Part Number
Package
Marking
Marking Information
EC5741NNB2R
SOT23-5L
741YW
1. Y:Year
code(D=2013;E=2014;F=2015…)
2. W:Week Code( The big character of
A~Z is for the week of 1~26, and small
a~z is for the week of 27~52.
EC5741NNM1R
SOP-8L
EC5741
LLLLL
YYWWT
1. LLLLL:Last five Number of Lot No
2. YY:Year Code
3. WW:Week Code
4. T:Internal Tracking Code
Application Information
Size
EC5741 series op amps are unity-gain stable and suitable for a wide range of general-purpose applications.
The small footprints of the EC5741 series packages save space on printed circuit boards and enable the
design of smaller electronic products.
Power Supply Bypassing and Board Layout
EC5741 series operates from a single 1.4V to 5.5V supply or dual ±0.7V to ±2.75V supplies. For best
performance, a 0.1μF ceramic capacitor should be placed close to the V
DD pin in single supply operation. For
dual supply operation, both VDD and VSS supplies should be bypassed to ground with separate 0.1μFceramic
capacitors.
Low Supply Current
The low supply current (1.4
μA) of EC5741 series will help to maximize battery life. They are ideal for battery
powered Systems
EC5741NN XX X
B2:SOT23-5L
M1:SOP-8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com