Electronic Components Datasheet Search
  English  ▼

X  

EC5741 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC5741
Description  Super Low Power, CMOS, Rail-to-Rail Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5741 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC5741 Datasheet HTML 1Page - E-CMOS Corporation EC5741 Datasheet HTML 2Page - E-CMOS Corporation EC5741 Datasheet HTML 3Page - E-CMOS Corporation EC5741 Datasheet HTML 4Page - E-CMOS Corporation EC5741 Datasheet HTML 5Page - E-CMOS Corporation EC5741 Datasheet HTML 6Page - E-CMOS Corporation EC5741 Datasheet HTML 7Page - E-CMOS Corporation EC5741 Datasheet HTML 8Page - E-CMOS Corporation EC5741 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Super Low Power, CMOS,
Rail-to-Rail Operational Amplifier
EC5741
E-CMOS Corp. (www.ecmos.com.tw)
3L03N-Rev.P001
Page 3 of 15
Operating Voltage
EC5741 series operate under wide input supply voltage (1.4V to 5.5V). In addition, all temperature
specifications apply from -40℃ to +125℃. Most behavior remains unchanged throughout the full operating
voltage range. These guarantees ensure operation throughout the single Li-Ion battery lifetime.
Rail-to-Rail Input
The input common-mode range of EC5741 series extends 100mV beyond the supply rails (VSS-0.1V to
VDD+0.1V). This is achieved by using complementary input stage. For normal operation, inputs should be
limited to this range.
Rail-to-Rail Output
Rail-to-Rail output swing provides maximum possible dynamic range at the output. This is particularly
important when operating in low supply voltages. The output voltage of EC5741 series can typically swing to
less than 10mV from supply rail in
light resistive loads (>100kΩ), and 60mV of supply rail in moderate resistive
loads (10kΩ).
Capacitive Load Tolerance
The EC5741 series can directly drive 250pF capacitive load in unity-gain without oscillation. Increasing the
gain enhances the
amplifier’s ability to drive greater capacitive loads. In unity-gain configurations, the
capacitive load drive can be improved by inserting an isolation resistor RISO in series with the capacitive load,
as shown in Figure 2.
Figure 2. Indirectly Driving a Capacitive Load Using Isolation Resistor
The bigger the RISO resistor value, the more stable VOUT will be. However, if there is a resistive load RL in
parallel with the capacitive load, a voltage divider (proportional to RISO/RL) is formed, this will result in a gain
error.
The circuit in Figure 3 is an improvement to the one in Figure 2. RF provides the DC accuracy by feed-forward
the VIN to RL. CF and RISO serve to counteract the loss of phase margin by feeding the high frequency
component of the output signal back to the
amplifier’s inverting input, thereby preserving the phase margin in
the overall feedback loop. Capacitive drive can be increased by increasing the value of CF. This in turn will
slow down the pulse response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com