Electronic Components Datasheet Search
  English  ▼

X  

BCP060C Datasheet(PDF) 1 Page - BeRex Corporation

Part # BCP060C
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP060C Datasheet(HTML) 1 Page - BeRex Corporation

  BCP060C Datasheet HTML 1Page - BeRex Corporation BCP060C Datasheet HTML 2Page - BeRex Corporation BCP060C Datasheet HTML 3Page - BeRex Corporation BCP060C Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.berex.com
BeRex, Inc. 3350 Scott Blvd. #6101 Santa Clara 95054 tel. (408) 452-5595
February 2017
Specifications are subject to change without notice. ©BeRex 2017
Rev. 1.1
BCP060C
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP (.25µm x 600µm)
The BeRex BCP060C is a GaAs Power pHEMT with a nominal 0.25-micron by 600-micron gate making this product
ideally suited for applications where high-gain and medium power in the DC to 26.5 GHz frequency range are
required. The product may be used in either wideband (6-18 GHz) or narrow-band applications. The BCP060C is
produced using state of the art metallization with SI3N4 passivation and is screened to assure reliability
.
PRODUCT FEATURES
•
27.5 dBm Typical Output Power
•
12 dB Typical Gain @ 12 GHz
•
0.25 X 600 Micron Recessed Gate
APPLICATIONS
•
Commercial
•
Military / Hi-Rel.
•
Test & Measurement
ELECTRICAL CHARACTERISTIC (TUNED FOR POWER) Ta = 25° C
PARAMETER/TEST CONDITIONS
TEST
FREQ.
MIN.
TYPICAL
MAX.
UNIT
P1dB
Output Power @ P1dB (Vds = 8V, Id = 90mA)
12 GHZ
18 GHz
26.0
25.0
27.5
26.5
dBm
G1dB
Gain @ P1dB (Vds = 8V, Id = 90mA)
12 GHZ
18 GHz
10.5
7.5
12.0
9.0
dB
PAE
PAE @ P1dB (Vds = 8V, Id = 90mA)
12 GHZ
18 GHz
60
50
%
NF
50 Ohm Noise Figure (Vds=2V, Id=35mA)
12 GHz
1.3
dB
Idss
Saturated Drain Current (Vgs = 0V, Vds = 1.0V)
130
190
250
mA
Gm
Transconductance (Vds = 2V, Id = 90mA)
235
mS
Vp
Pinch-off Voltage (Id = 0.6mA, Vds = 2V)
-2.5
-1.2
V
BVgd
Drain Breakdown Voltage (Ig = -0.6mA, source open)
-15
-12
V
BVgs
Source Breakdown Voltage (Ig = -0.6mA, drain open)
-13
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
71
°C/W


Similar Part No. - BCP060C

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP060C BEREX-BCP060C Datasheet
336Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C_18 Datasheet
336Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results

Similar Description - BCP060C

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP020T BEREX-BCP020T Datasheet
624Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP030T BEREX-BCP030T Datasheet
622Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP160T BEREX-BCP160T Datasheet
703Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP120C BEREX-BCP120C Datasheet
371Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP030C BEREX-BCP030C Datasheet
318Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T_15 Datasheet
436Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF080T BEREX-BCF080T_18 Datasheet
382Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF120T BEREX-BCF120T_18 Datasheet
430Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C_18 Datasheet
336Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP080C BEREX-BCP080C_18 Datasheet
337Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com