Electronic Components Datasheet Search
  English  ▼

X  

BCP060C Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCP060C
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP060C Datasheet(HTML) 3 Page - BeRex Corporation

  BCP060C Datasheet HTML 1Page - BeRex Corporation BCP060C Datasheet HTML 2Page - BeRex Corporation BCP060C Datasheet HTML 3Page - BeRex Corporation BCP060C Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.berex.com
BeRex, Inc. 3350 Scott Blvd. #6101 Santa Clara 95054 tel. (408) 452-5595
February 2017
Specifications are subject to change without notice. ©BeRex 2017
Rev. 1.1
BCP060C
S-PARAMETERS (Vds = 8V, Ids = 90mA)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1.0
0.94
-50.71
12.23
147.31
0.022
64.54
0.61
-18.61
2.0
0.87
-90.39
9.84
122.83
0.039
47.93
0.53
-31.84
3.0
0.82
-120.51
7.89
104.16
0.045
34.87
0.46
-40.56
4.0
0.80
-144.50
6.42
89.42
0.048
27.50
0.41
-45.14
5.0
0.79
-163.72
5.33
76.78
0.048
21.38
0.37
-50.16
6.0
0.79
-179.70
4.50
65.29
0.050
16.71
0.34
-56.19
7.0
0.80
166.32
3.87
55.24
0.047
14.45
0.31
-61.25
8.0
0.81
154.77
3.36
45.61
0.047
13.57
0.30
-67.68
9.0
0.83
144.54
2.93
36.30
0.047
12.24
0.28
-76.10
10.0
0.84
135.76
2.57
27.84
0.045
11.57
0.27
-85.21
11.0
0.86
128.83
2.27
19.86
0.045
9.85
0.26
-97.77
12.0
0.87
122.78
2.02
11.92
0.044
11.80
0.25
-110.30
13.0
0.89
117.32
1.81
4.62
0.046
9.63
0.26
-124.59
14.0
0.90
112.64
1.62
-2.57
0.045
11.46
0.28
-138.87
15.0
0.92
108.07
1.45
-10.01
0.046
9.59
0.30
-151.36
16.0
0.92
104.40
1.30
-16.48
0.048
8.11
0.33
-163.31
17.0
0.93
101.59
1.17
-23.06
0.048
7.01
0.38
-173.82
18.0
0.94
97.58
1.06
-29.88
0.051
8.34
0.43
177.70
19.0
0.93
95.98
0.94
-36.40
0.050
5.75
0.47
170.58
20.0
0.94
93.60
0.84
-42.41
0.052
4.92
0.52
163.73
21.0
0.93
92.81
0.74
-47.42
0.054
3.81
0.57
158.28
22.0
0.92
91.49
0.67
-52.45
0.057
4.68
0.62
153.57
23.0
0.91
90.25
0.59
-57.74
0.062
4.84
0.65
148.23
24.0
0.91
89.65
0.53
-62.76
0.061
-1.49
0.68
142.93
25.0
0.92
89.38
0.46
-66.17
0.058
1.46
0.71
138.43
26.0
0.93
87.10
0.41
-69.74
0.062
8.60
0.74
133.68
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com