Electronic Components Datasheet Search
  English  ▼

X  

INA180 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # INA180
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA180 Datasheet HTML 19Page - Texas Instruments INA180 Datasheet HTML 20Page - Texas Instruments INA180 Datasheet HTML 21Page - Texas Instruments INA180 Datasheet HTML 22Page - Texas Instruments INA180 Datasheet HTML 23Page - Texas Instruments INA180 Datasheet HTML 24Page - Texas Instruments INA180 Datasheet HTML 25Page - Texas Instruments INA180 Datasheet HTML 26Page - Texas Instruments INA180 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Transorb
Output
IN±
IN+
GND
OUT
+
±
INA180
Copyright © 2017, Texas Instruments Incorporated
< 10
< 10
VS
VS
2.7 V to 5.5 V
CBYPASS
0.1 µF
RSENSE
Bus Supply
±0.2 V to +26 V
Load
IN±
IN+
GND
VS
OUT
+
±
INA180
VS
2.7 V to 5.5 V
Output
RPROTECT
< 10
RSENSE
Bus Supply
±0.2 V to +26 V
Load
Copyright © 2017, Texas Instruments Incorporated
CBYPASS
0.1 µF
23
INA180, INA2180
www.ti.com
SBOS741A – APRIL 2017 – REVISED AUGUST 2017
Product Folder Links: INA180 INA2180
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10 Power Supply Recommendations
The input circuitry of the INAx180 accurately measures beyond the power-supply voltage, VS. For example, VS
can be 5 V, whereas the bus supply voltage at IN+ and IN– can be as high as 26 V. However, the output voltage
range of the OUT pin is limited by the voltages on the VS pin. The INAx180 also withstand the full differential
input signal range up to 26 V at the IN+ and IN– input pins, regardless of whether or not the device has power
applied at the VS pin.
10.1 Common-Mode Transients Greater Than 26 V
With a small amount of additional circuitry, the INAx180 can be used in circuits subject to transients higher than
26 V, such as automotive applications. Use only Zener diodes or Zener-type transient absorbers (sometimes
referred to as transzorbs)—any other type of transient absorber has an unacceptable time delay. Start by adding
a pair of resistors as a working impedance for the Zener diode; see Figure 43. Keep these resistors as small as
possible; most often, around 10
Ω. Larger values can be used with an effect on gain that is discussed in the
Signal Filtering section. This circuit limits only short-term transients; therefore, many applications are satisfied
with a 10-
Ω resistor along with conventional Zener diodes of the lowest acceptable power rating. This
combination uses the least amount of board space. These diodes can be found in packages as small as SOT-
523 or SOD-523.
Figure 43. Transient Protection Using Dual Zener Diodes
In the event that low-power Zener diodes do not have sufficient transient absorption capability, a higher-power
transzorb must be used. The most package-efficient solution involves using a single transzorb and back-to-back
diodes between the device inputs, as shown in Figure 44. The most space-efficient solutions are dual, series-
connected diodes in a single SOT-523 or SOD-523 package. In either of the examples shown in Figure 43 and
Figure 44, the total board area required by the INAx180 with all protective components is less than that of an
SO-8 package, and only slightly greater than that of an MSOP-8 package.
Figure 44. Transient Protection Using a Single Transzorb and Input Clamps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com