Electronic Components Datasheet Search
  English  ▼

X  

INA180 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA180
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA180 Datasheet HTML 11Page - Texas Instruments INA180 Datasheet HTML 12Page - Texas Instruments INA180 Datasheet HTML 13Page - Texas Instruments INA180 Datasheet HTML 14Page - Texas Instruments INA180 Datasheet HTML 15Page - Texas Instruments INA180 Datasheet HTML 16Page - Texas Instruments INA180 Datasheet HTML 17Page - Texas Instruments INA180 Datasheet HTML 18Page - Texas Instruments INA180 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Common Mode Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
0
0.006
0.012
0.018
0.024
0.03
0.036
0.042
0.048
0.054
0.06
D033
A1
A2
A3
A4
15
INA180, INA2180
www.ti.com
SBOS741A – APRIL 2017 – REVISED AUGUST 2017
Product Folder Links: INA180 INA2180
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.4 Rail-to-Rail Output Swing
The INAx180 allow linear current sensing operation with the output close to the supply rail and GND. The
maximum specified output swing to the positive rail is 30 mV, and the maximum specified output swing to GND is
only 5 mV. In order to compare the output swing of the INAx180 to an equivalent operational amplifier (op amp),
the inputs are overdriven to approximate the open-loop condition specified in op amp data sheets. The current-
sense amplifier is a closed-loop system; therefore, the output swing to GND can be limited by the product of the
offset voltage and amplifier gain.
For devices that have positive offset voltages, the swing to GND is limited by the larger of either the offset
voltage multiplied by the gain or the swing to GND specified in the Electrical Characteristics table.
For example, in an application where the INA180A4 (gain = 200 V/V) is used for low-side current sensing and the
device has an offset of 40 µV, the product of the device offset and gain results in a value of 8 mV, greater than
the specified negative swing value. Therefore, the swing to GND for this example is 8 mV. If the same device
has an offset of –40 µV, then the calculated zero differential signal is –8 mV. In this case, the offset helps
overdrive the swing in the negative direction, and swing performance is consistent with the value specified in the
Electrical Characteristics table.
The offset voltage is a function of the common-mode voltage as determined by the CMRR specification;
therefore, the offset voltage increases when higher common-mode voltages are present. The increase in offset
voltage limits how low the output voltage can go during a zero-current condition when operating at higher
common-mode voltages. The typical limitation of the zero-current output voltage vs common-mode voltage for
each gain option is shown in Figure 37.
Figure 37. Zero-Current Output Voltage vs Common-Mode Voltage
8.4 Device Functional Modes
8.4.1 Normal Mode
The INAx180 is in normal operation when the following conditions are met:
•
The power supply voltage (VS) is between 2.7 V and 5.5 V.
•
The common-mode voltage (VCM) is within the specified range of –0.2 V to +26 V.
•
The maximum differential input signal times gain is less than VS minus the output voltage swing to VS.
•
The minimum differential input signal times gain is greater than the swing to GND (see the Rail-to-Rail Output
Swing section).
During normal operation, the device produces an output voltage that is the gained-up representation of the
difference voltage from IN+ to IN–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com