Electronic Components Datasheet Search
  English  ▼

X  

INA180A2IDBVT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA180A2IDBVT
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180A2IDBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA180A2IDBVT Datasheet HTML 14Page - Texas Instruments INA180A2IDBVT Datasheet HTML 15Page - Texas Instruments INA180A2IDBVT Datasheet HTML 16Page - Texas Instruments INA180A2IDBVT Datasheet HTML 17Page - Texas Instruments INA180A2IDBVT Datasheet HTML 18Page - Texas Instruments INA180A2IDBVT Datasheet HTML 19Page - Texas Instruments INA180A2IDBVT Datasheet HTML 20Page - Texas Instruments INA180A2IDBVT Datasheet HTML 21Page - Texas Instruments INA180A2IDBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MIN
SENSE
SN
I
R
GAIN > V
u
u
MAX
SENSE
S
SP
I
R
GAIN < V
V
u
u
MAX
SENSE
2
MAX
PD
R
I
18
INA180, INA2180
SBOS741A – APRIL 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: INA180 INA2180
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Application Information (continued)
9.1.2 RSENSE and Device Gain Selection
The accuracy of the INAx180 is maximized by choosing the current-sense resistor to be as large as possible. A
large sense resistor maximizes the differential input signal for a given amount of current flow and reduces the
error contribution of the offset voltage. However, there are practical limits as to how large the current-sense
resistor can be in a given application. The INAx180 have a typical input bias currents of 80 µA for each input
when operated at a 12-V common-mode voltage input. When large current-sense resistors are used, these bias
currents cause increased offset error and reduced common-mode rejection. Therefore, using current-sense
resistors larger than a few ohms is generally not recommended for applications that require current-monitoring
accuracy. A second common restriction on the value of the current-sense resistor is the maximum allowable
power dissipation that is budgeted for the resistor. Equation 1 gives the maximum value for the current sense
resistor for a given power dissipation budget:
where:
•
PDMAX is the maximum allowable power dissipation in RSENSE.
•
IMAX is the maximum current that will flow through RSENSE.
(1)
An additional limitation on the size of the current-sense resistor and device gain is due to the power-supply
voltage, VS, and device swing to rail limitations. In order to make sure that the current-sense signal is properly
passed to the output, both positive and negative output swing limitations must be examined. Equation 2 provides
the maximum values of RSENSE and GAIN to keep the device from hitting the positive swing limitation.
where:
•
IMAX is the maximum current that will flow through RSENSE.
•
GAIN is the gain of the current sense-amplifier.
•
VS is the minimum supply voltage of the device.
•
VSP is the positive output swing as specified in the data sheet.
(2)
To avoid positive output swing limitations when selecting the value of RSENSE, there is always a trade-off between
the value of the sense resistor and the gain of the device under consideration. If the sense resistor selected for
the maximum power dissipation is too large, then it is possible to select a lower-gain device in order to avoid
positive swing limitations.
The negative swing limitation places a limit on how small of a sense resistor can be used in a given application.
Equation 3 provides the limit on the minimum size of the sense resistor.
where:
•
IMIN is the minimum current that will flow through RSENSE.
•
GAIN is the gain of the current sense amplifier.
•
VSN is the negative output swing of the device (see Rail-to-Rail Output Swing ).
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com