Electronic Components Datasheet Search
  English  ▼

X  

INA180A2IDBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA180A2IDBVT
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180A2IDBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA180A2IDBVT Datasheet HTML 16Page - Texas Instruments INA180A2IDBVT Datasheet HTML 17Page - Texas Instruments INA180A2IDBVT Datasheet HTML 18Page - Texas Instruments INA180A2IDBVT Datasheet HTML 19Page - Texas Instruments INA180A2IDBVT Datasheet HTML 20Page - Texas Instruments INA180A2IDBVT Datasheet HTML 21Page - Texas Instruments INA180A2IDBVT Datasheet HTML 22Page - Texas Instruments INA180A2IDBVT Datasheet HTML 23Page - Texas Instruments INA180A2IDBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Gain Error (%) = 100
(100
Gain Error Factor)
-
´
F
2500
(3 R )
2500
u
F
1000
R
1000
F
10000
(9 R ) 10000
u
F
25000
(21 R )
25000
u
20
INA180, INA2180
SBOS741A – APRIL 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: INA180 INA2180
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Application Information (continued)
With the adjustment factor from Equation 4, including the device internal input resistance, this factor varies with
each gain version, as shown in Table 1. Each individual device gain error factor is shown in Table 2.
Table 1. Input Resistance
PRODUCT
GAIN
RINT (kΩ)
INAx180A1
20
25
INAx180A2
50
10
INAx180A3
100
5
INAx180A4
200
2.5
Table 2. Device Gain Error Factor
PRODUCT
SIMPLIFIED GAIN ERROR FACTOR
INAx180A1
INAx180A2
INAx180A3
INAx180A4
The gain error that can be expected from the addition of the external series resistors can then be calculated
based on Equation 5:
(5)
For example, using an INA180A2 and the corresponding gain error equation from Table 2, a series resistance of
10 Ω results in a gain error factor of 0.991. The corresponding gain error is then calculated using Equation 5,
resulting in an additional gain error of approximately 0.89% solely because of the external 10-Ω series resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com