Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA181 Datasheet(HTML) 3 Page - Texas Instruments

  INA181 Datasheet HTML 1Page - Texas Instruments INA181 Datasheet HTML 2Page - Texas Instruments INA181 Datasheet HTML 3Page - Texas Instruments INA181 Datasheet HTML 4Page - Texas Instruments INA181 Datasheet HTML 5Page - Texas Instruments INA181 Datasheet HTML 6Page - Texas Instruments INA181 Datasheet HTML 7Page - Texas Instruments INA181 Datasheet HTML 8Page - Texas Instruments INA181 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
1
OUT
6
VS
2
GND
5
REF
3
IN+
4
IN±
Not to scale
3
INA181, INA2181
www.ti.com
SBOS793A – APRIL 2017 – REVISED AUGUST 2017
Product Folder Links: INA181 INA2181
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
PRODUCT
CHANNEL
GAIN (V/V)
INA181A1
1
20
INA181A2
1
50
INA181A3
1
100
INA181A4
1
200
INA2181A1
2
20
INA2181A2
2
50
INA2181A3
2
100
INA2181A4
2
200
6 Pin Configurations and Functions
DBV Package
6-Pin SOT-23
Top View
Pin Functions: INA181
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
2
Analog
Ground
IN–
4
Analog input
Current-sense amplifier negative input. For high-side applications, connect to load
side of sense resistor. For low-side applications, connect to ground side of sense
resistor.
IN+
3
Analog input
Current-sense amplifier positive input. For high-side applications, connect to bus-
voltage side of sense resistor. For low-side applications, connect to load side of
sense resistor.
OUT
1
Analog output
Output voltage
REF
5
Analog input
Reference input
VS
6
Analog
Power supply, 2.7 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com