Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA181 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA181 Datasheet HTML 13Page - Texas Instruments INA181 Datasheet HTML 14Page - Texas Instruments INA181 Datasheet HTML 15Page - Texas Instruments INA181 Datasheet HTML 16Page - Texas Instruments INA181 Datasheet HTML 17Page - Texas Instruments INA181 Datasheet HTML 18Page - Texas Instruments INA181 Datasheet HTML 19Page - Texas Instruments INA181 Datasheet HTML 20Page - Texas Instruments INA181 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
INA181
Power Supply, VS
2.7 V to 5.5 V
Bus Voltage
±0.2 V to +26 V
RSENSE
GND
VS
Load
IN±
IN+
REF
+
±
CBYPASS
0.1 µF
Copyright © 2017, Texas Instruments Incorporated
OUT
Output
+
±
Reference
Voltage
17
INA181, INA2181
www.ti.com
SBOS793A – APRIL 2017 – REVISED AUGUST 2017
Product Folder Links: INA181 INA2181
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.3 Bidirectional Mode
The INAx181 are bidirectional, current-sense amplifiers capable of measuring currents through a resistive shunt
in two directions. This bidirectional monitoring is common in applications that include charging and discharging
operations where the current flowing through the resistor can change directions.
Figure 39. Bidirectional Application
The ability to measure this current flowing in both directions is enabled by applying a voltage to the REF pin, as
shown in Figure 39. The voltage applied to REF (VREF) sets the output state that corresponds to the zero-input
level state. The output then responds by increasing above VREF for positive differential signals (relative to the IN–
pin) and responds by decreasing below VREF for negative differential signals. This reference voltage applied to
the REF pin can be set anywhere between 0 V to VS. For bidirectional applications, VREF is typically set at mid-
scale for equal signal range in both current directions. In some cases, however, VREF is set at a voltage other
than mid-scale when the bidirectional current and corresponding output signal do not need to be symmetrical.
8.4.4 Input Differential Overload
If the differential input voltage (VIN+ – VIN–) times gain exceeds the voltage swing specification, the INAx181 drive
the output as close as possible to the positive supply or ground, and does not provide accurate measurement of
the differential input voltage. If this input overload occurs during normal circuit operation, then reduce the value of
the shunt resistor or use a lower-gain version with the chosen sense resistor to avoid this mode of operation. If a
differential overload occurs in a fault event, then the output of the INAx181 returns to the expected value
approximately 20 µs after the fault condition is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com