Electronic Components Datasheet Search
  English  ▼

X  

TAS5755MDFD Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5755MDFD
Description  2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5755MDFD Datasheet(HTML) 62 Page - Texas Instruments

Back Button TAS5755MDFD Datasheet HTML 58Page - Texas Instruments TAS5755MDFD Datasheet HTML 59Page - Texas Instruments TAS5755MDFD Datasheet HTML 60Page - Texas Instruments TAS5755MDFD Datasheet HTML 61Page - Texas Instruments TAS5755MDFD Datasheet HTML 62Page - Texas Instruments TAS5755MDFD Datasheet HTML 63Page - Texas Instruments TAS5755MDFD Datasheet HTML 64Page - Texas Instruments TAS5755MDFD Datasheet HTML 65Page - Texas Instruments TAS5755MDFD Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
Initialization
50 ms
2 s
m
2 s
m
2 s
m
AVDD/DVDD
PDN
PVDD
RESET
T0419-06
3 V
3 V
0 ns
0 ns
10 s
m
100 s
13.5 ms
100 s
m
6 V
6 V
8 V
8 V
I C
2
SCL
SDA
Trim
Volume and Mute Commands
Exit
SD
Enter
SD
DAP
Config
Other
Config
t
PLL
(1)
1 ms + 1.3 t
stop
(2)
0 ns
Normal Operation
Shutdown
Powerdown
(1) t
has to be greater than 240 ms + 1.3 t
.
This constraint only applies to the first trim command following AVDD/DVDD power-up.
It does not apply to trim commands following subsequent resets.
(2) t
/t
= PWM start/stop time as defined in register 0X1A
PLL
start
start stop
1 ms + 1.3 t
start
(2)
TAS5755M
SLOS982 – AUGUST 2017
www.ti.com
62
Product Folder Links: TAS5755M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10.2.1.2.4
Recommended Start-Up and Shutdown Procedures
Figure 69. Recommended Command Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com