Electronic Components Datasheet Search
  English  ▼

X  

TAS5755MDFD Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5755MDFD
Description  2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5755MDFD Datasheet(HTML) 67 Page - Texas Instruments

Back Button TAS5755MDFD Datasheet HTML 63Page - Texas Instruments TAS5755MDFD Datasheet HTML 64Page - Texas Instruments TAS5755MDFD Datasheet HTML 65Page - Texas Instruments TAS5755MDFD Datasheet HTML 66Page - Texas Instruments TAS5755MDFD Datasheet HTML 67Page - Texas Instruments TAS5755MDFD Datasheet HTML 68Page - Texas Instruments TAS5755MDFD Datasheet HTML 69Page - Texas Instruments TAS5755MDFD Datasheet HTML 70Page - Texas Instruments TAS5755MDFD Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
RESET
PDN
SDA
PLL_FLTM
PLL_FLTP
AVDD/DVDD
PVDD
3.3 V
8 V–24 V
SCL
Digital
Audio
Source
I C
Control
2
Control
Inputs
B0264-25
Loop
Filter
SDIN
LRCLK
SCLK
MCLK
OUT_A
OUT_B
BST_A
BST_B
LC
SE
LC
SE
PVDD
PVDD
OUT_C
OUT_D
BST_C
BST_D
LC
BTL
67
TAS5755M
www.ti.com
SLOS982 – AUGUST 2017
Product Folder Links: TAS5755M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10.2.3 2.1 Application
A 2.1 system generally refers to a system in which there are two full range speakers with a separate amplifier
path for the speakers which reproduce the low-frequency content. In this system, two channels are presented to
the amplifier via the digital input signal, these are driven into two single-ended speakers and are mixed into a
third channel, conditioned to stream low-frequency content into a differentially connected speaker.
The 2.1 application is shown in Figure 72.
Figure 72. Simplified 2.1 Application Diagram
10.2.3.1 Design Requirements
Table 28. Design Requirements
PARAMETER
EXAMPLE
Low Power Supply
3.3 V
High Power Supply
8 V to 24 V
Host Processor
I2S Compliant Master
I2C Compliant Master
GPIO Control
Output Filters
Inductor-Capacitor Low Pass Filter
Speaker
4 Ω (BTL), 2 Ω (SE) minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com