Electronic Components Datasheet Search
  English  ▼

X  

GS7025 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS7025
Description  Serial Digital Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 2 Page - Gennum Corporation

  GS7025 Datasheet HTML 1Page - Gennum Corporation GS7025 Datasheet HTML 2Page - Gennum Corporation GS7025 Datasheet HTML 3Page - Gennum Corporation GS7025 Datasheet HTML 4Page - Gennum Corporation GS7025 Datasheet HTML 5Page - Gennum Corporation GS7025 Datasheet HTML 6Page - Gennum Corporation GS7025 Datasheet HTML 7Page - Gennum Corporation GS7025 Datasheet HTML 8Page - Gennum Corporation GS7025 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
GENNUM CORPORATION
522 - 80 - 00
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage (VS)5.5V
Input Voltage Range (any input)
VCC + 0.5 to VEE - 0.5V
Operating Temperature Range
0°C
≤ T
A ≤ 70°C
Storage Temperature Range
-65°C
≤ T
S ≤ 150°C
Lead Temperature (soldering, 10 sec)
260°C
DC ELECTRICAL CHARACTERISTICS
VCC = 5.0V, TA = 25°C unless otherwise stated, RLF = 1.8k, CLF1 = 15nF, CLF2 = 3.3pF
PARAMETER
CONDITION
MIN
TYPICAL
1
MAX
UNITS
NOTES
TEST LEVEL
Supply Voltage
4.75
5
5.25
V
1
Supply Current
CLK_EN = 0
-
115
mA
1
CLK_EN = 1
-
125
SDI Common Mode Voltage
-
2.5
-
V
1
DDI Common Mode Input
Voltage Range
VEE+(VDIFF/2)
0.4 to 4.6
VCC-(VDIFF/2)
V
2
1
DDI Differential Input Drive
200
800
2000
mV
1
SSI/CD Output Current
Source,
CLMAX = 50pF,
RL = open cct.
-
-
18
µA
3
Source,
CLMAX = 50pF,
RL=5K
-
-
110
µA
3
Sink
-
1.0
1.5
mA
3
AGC Common Mode Voltage
-
2.7
-
V
1
OEM_TEST Bias Potential
-
4.5
-
V
5
1
A/D
High
2.0
-
-
V
1
Low
-
-
0.8
270, CLK_EN, IN _ENABLE
Input Voltage
High
2.0
-
-
V
1
Low
-
-
0.8
CLK_EN Input Voltage
High
2.5
-
-
V
1
Low
-
-
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com