Electronic Components Datasheet Search
  English  ▼

X  

GS7025 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GS7025
Description  Serial Digital Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 3 Page - Gennum Corporation

  GS7025 Datasheet HTML 1Page - Gennum Corporation GS7025 Datasheet HTML 2Page - Gennum Corporation GS7025 Datasheet HTML 3Page - Gennum Corporation GS7025 Datasheet HTML 4Page - Gennum Corporation GS7025 Datasheet HTML 5Page - Gennum Corporation GS7025 Datasheet HTML 6Page - Gennum Corporation GS7025 Datasheet HTML 7Page - Gennum Corporation GS7025 Datasheet HTML 8Page - Gennum Corporation GS7025 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
GENNUM CORPORATION
522 - 80 - 00
3
LOCK Output Sink Current
500
-
-
µA
3
1
CLK_EN Source Current
Low
-
26
55
µA
1
NOTES
1. TYPICAL - measured on characterization board.
2. VDIFF is the differential input signal swing.
3. LOCK is an open collector output and requires an external pullup resistor.
4. If OEM_TEST is permanently enabled, operating temperature range is limited from 0°C to 60°C inclusive.
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1,2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.
AC ELECTRICAL CHARACTERISTICS
VCC = 5.0V, VEE = 0V, TA = 25°C unless otherwise stated, RLF = 1.8k, CLF1 = 15nF, CLF2 = 3.3pF
PARAMETER
CONDITIONS
MIN
TYPICAL
1
MAX
UNITS
NOTES
TEST
LEVEL
Serial Data Rate
SDI
-
270 (only)
-
Mb/s
1
Maximum Equalizer Gain
(see Figure 3)
@ 135MHz
-
35
-
dB
7
Additive Jitter
[Pseudorandom (2
23 -1)]
270Mb/s, 300m
(Belden 8281)
-
300
-
ps p-p
2, 7
3
Intrinsic Jitter
[Pseudorandom (2
23 -1)]
270Mb/s
-
185
-
ps p-p
2, 6
4
Intrinsic Jitter
[Pathological (SDI checkfield)]
270Mb/s
-
462
-
ps p-p
2, 6
1
Input Jitter Tolerance
270Mb/s
0.40
0.56
-
UI p-p
3, 6
1
Lock Time -
Synchronous Switch
tswitch < 0.5µs, 270Mb/s
-
1
-
µs
4
7
0.5µs< tswitch <10ms
-
1
-
ms
tswitch > 10 ms
-
4
-
ms
Carrier Loss Time
0.5
1
2
µs
5
7
SDO to SCO Synchronization
-200
0
200
ps
7
SDO, SCO Output Signal Swing
75
Ω DC load
600
800
1000
mV p-p
1
SDO, SCO Rise & Fall times
20%-80%
200
300
400
ps
7
SDI/SDI Input Resistance
-
10
-
k
Ω
76
SDI/SDI Input Capacitance
-
1.0
-
pF
7
6
SDI/SDI Input Return Loss
at 270MHz
15
20
-
dB
7
6
DC ELECTRICAL CHARACTERISTICS (continued)
VCC = 5.0V, TA = 25°C unless otherwise stated, RLF = 1.8k, CLF1 = 15nF, CLF2 = 3.3pF
PARAMETER
CONDITION
MIN
TYPICAL
1
MAX
UNITS
NOTES
TEST LEVEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com