Electronic Components Datasheet Search
  English  ▼

X  

TUSB213 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB213
Description  USB 2.0 High Speed Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB213 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB213 Datasheet HTML 14Page - Texas Instruments TUSB213 Datasheet HTML 15Page - Texas Instruments TUSB213 Datasheet HTML 16Page - Texas Instruments TUSB213 Datasheet HTML 17Page - Texas Instruments TUSB213 Datasheet HTML 18Page - Texas Instruments TUSB213 Datasheet HTML 19Page - Texas Instruments TUSB213 Datasheet HTML 20Page - Texas Instruments TUSB213 Datasheet HTML 21Page - Texas Instruments TUSB213 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
VREG
213_VCC
GND
RSTN
RSTN
L/CD
GND
GND
EQ
EQ
SCLKD
C3
0.1 µF
C2
0.1 µF
C1
18
TUSB213-Q1
SLLSF06 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TUSB213-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
To avoid the need for signal vias, it is highly recommend to route the High Speed traces on the same surface
layer than the TUSB213-Q1 is placed. shows an example how one could layout the PCB for TUSB213-Q1.
The layout should use impedance controlled traces to maintain 90 Ω differential impedance for the whole signal
path as required per USB 2.0 specification. General guidelines for highspeed signal routing apply.
10.2 Layout Example
Figure 22. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com