Electronic Components Datasheet Search
  English  ▼

X  

TUSB213 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB213
Description  USB 2.0 High Speed Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB213 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB213 Datasheet HTML 16Page - Texas Instruments TUSB213 Datasheet HTML 17Page - Texas Instruments TUSB213 Datasheet HTML 18Page - Texas Instruments TUSB213 Datasheet HTML 19Page - Texas Instruments TUSB213 Datasheet HTML 20Page - Texas Instruments TUSB213 Datasheet HTML 21Page - Texas Instruments TUSB213 Datasheet HTML 22Page - Texas Instruments TUSB213 Datasheet HTML 23Page - Texas Instruments TUSB213 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
A
A
www.ti.com
PACKAGE OUTLINE
C
SEE TERMINAL
DETAIL
14X
0.3
0.2
2.05
0.05
14X
0.5
0.3
1 MAX
(0.2) TYP
0.05
0.00
8X 0.5
2X
2
2X 1.5
0.1 MIN
A
3.6
3.4
B
3.6
3.4
0.3
0.2
0.5
0.3
(0.05)
VQFN - 1 mm max height
RGY0014B
PLASTIC QUAD FLATPACK - NO LEAD
4223385/A 11/2016
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
6
9
13
7
8
14
2
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
15
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.300
DETAIL
OPTIONAL TERMINAL
TYPICAL
TYPICAL
A-A 25.000
SECTION A-A
20
TUSB213-Q1
SLLSF06 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TUSB213-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com