Electronic Components Datasheet Search
  English  ▼

X  

TUSB8041A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8041A
Description  Four-Port USB 3.1 Gen1 Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8041A Datasheet(HTML) 3 Page - Texas Instruments

  TUSB8041A Datasheet HTML 1Page - Texas Instruments TUSB8041A Datasheet HTML 2Page - Texas Instruments TUSB8041A Datasheet HTML 3Page - Texas Instruments TUSB8041A Datasheet HTML 4Page - Texas Instruments TUSB8041A Datasheet HTML 5Page - Texas Instruments TUSB8041A Datasheet HTML 6Page - Texas Instruments TUSB8041A Datasheet HTML 7Page - Texas Instruments TUSB8041A Datasheet HTML 8Page - Texas Instruments TUSB8041A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
3
TUSB8041A
www.ti.com
SLLSEW3 – AUGUST 2017
Product Folder Links: TUSB8041A
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Description (Continued)
When the upstream port is connected to an electrical environment that only supports full-speed/low-speed
connections, SuperSpeed USB and high-speed connectivity are disabled on the downstream ports.
The TUSB8041A supports per port or ganged power switching and over-current protection, and supports battery
charging applications.
An individually port power controlled hub switches power on or off to each downstream port as requested by the
USB host. Also when an individually port power controlled hub senses an over-current event, only power to the
affected downstream port will be switched off.
A ganged hub switches on power to all its downstream ports when power is required to be on for any port. The
power to the downstream ports is not switched off unless all ports are in a state that allows power to be removed.
Also when a ganged hub senses an over-current event, power to all downstream ports will be switched off.
The TUSB8041A downstream ports provide support for battery charging applications by providing Battery
Charging Downstream Port (CDP) handshaking support. It also supports a Dedicated Charging Port (DCP) mode
when the upstream port is not connected. The DCP mode supports USB devices which support with the USB
Battery Charging, and Chinese Telecommunications Industry Standard YD/T 1591-2009. In addition when
upstream port is unconnected, the TUSB8041A supports the divider charging port modes (ACPx modes) and an
automatic transition through all modes, starting with ACP2 and ending in DCP.
The TUSB8041A provides pin strap configuration for some features including battery charging support, and also
provides customization though OTP ROM, I2C EEPROM, or via an I2C/SMBus slave interface for PID, VID, and
custom port and phy configurations. Custom string support is also available when using an I2C EEPROM or the
I2C/SMBus slave interface.
The device is available in a 64-pin RGC package and is offered in a commercial version for operation over the
temperature range of 0°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com