Electronic Components Datasheet Search
  English  ▼

X  

TUSB8041A Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8041A
Description  Four-Port USB 3.1 Gen1 Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8041A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB8041A Datasheet HTML 9Page - Texas Instruments TUSB8041A Datasheet HTML 10Page - Texas Instruments TUSB8041A Datasheet HTML 11Page - Texas Instruments TUSB8041A Datasheet HTML 12Page - Texas Instruments TUSB8041A Datasheet HTML 13Page - Texas Instruments TUSB8041A Datasheet HTML 14Page - Texas Instruments TUSB8041A Datasheet HTML 15Page - Texas Instruments TUSB8041A Datasheet HTML 16Page - Texas Instruments TUSB8041A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
13
TUSB8041A
www.ti.com
SLLSEW3 – AUGUST 2017
Product Folder Links: TUSB8041A
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Battery Charging Features
The TUSB8041A provides support for USB Battery Charging (BC1.2) and custom charging. Battery charging
support may be enabled on a per port basis through the REG_6h(batEn[3:0]).
USB Battery charging support includes both Charging Downstream Port (CDP) and Dedicated Charging Port
(DCP) modes. The DCP mode is compliant with the Chinese Telecommunications Industry Standard YD/T 1591-
2009. CDP is enabled when the upstream port has detected valid VBUS, configured, and host sets port power.
When the upstream port is not connected and battery charging support is enabled, the TUSB8041A will enable
DCP mode.
In addition to USB Battery charging (BC1.2), the TUSB8041A supports custom charging indications: Divider
Charging (ACP2, ACP1 modes). These custom charging modes are only supported when upstream port is
unconnected and AUTOMODE is enabled. When in AUTOMODE and upstream port is disconnected, the port will
automatically transition from ACP mode to the DCP mode depending on the portable device connected. The
divided mode places a fixed DC voltage on the ports DP and DM signals which allows some devices to identify
the capabilities of the charger. .
When the upstream port is not connected and battery charging support is enabled for a port, the TUSB8041A
drives the port power enable active. If AUTOMODE is disabled, then DCP mode is used. If AUTOMODE is
enabled, then TUSB8041A will start with highest enabled divider current mode (ACPx). The TUSB8041A will
remain in highest current mode as long as a pull-up is not detected on DP pin. If an pull-up is detected on DP
pin, then TUSB8041A will drive the port power enable inactive and switch to Galaxy mode, if enabled, or to DCP
mode if Galaxy mode is disabled. The TUSB8041A will again drive the port power enable active. The
TUSB8041A will remain in Galaxy mode as long as no pull-up is detected on DP pin. If an pull-up is detected on
DP pin, then TUSB8041A will drive the port power enable inactive and transition to DCP mode. The TUSB8041A
will again drive the port power enable active. In DCP mode, the TUSB8041A will look for a pull-up detected on
DP pin or RxVdat. If a pull-up or RxVdat is detected on DP, the TUSB8041A will remain in DCP mode. If no pull-
up or RxVdat is detected on DP pin after 2 seconds, the TUSB8041A will drive the port power enable inactive
and transition back to ACPx mode. This sequence will repeat until upstream port is connected.
The supported battery charging modes when TUSB8041A configured for SMBus or external EEPROM is detailed
in Battery Charging Modes with SMBus/EEPROM Table.
The supported battery charging modes when TUSB8041A configured for I2C but without an external EEPROM is
determined by the sampled state of the pins. These modes are detailed in Battery Charging Modes without
EEPROM Table.
Table 2. TUSB8041A Battery Charging Modes with SMBus Mode or I2C EEPROM
autoModeEnz Reg_0Ah Bit 1
BC Mode Port x
(x = n + 1)
0
Don’t Care
Don't Care
Don’t Care
No Charging support
1
> 4V
Don't Care
Don't Care
CDP
1
< 4V
Don't Care
1
DCP
1
< 4V
0
0
AUTOMODE enabled with High current mode divider disabled.
Alternate ACP1, DCP
1
< 4V
1
0
AUTOMODE enabled with High current mode divider enabled.
Alternate ACP2,DCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com