Electronic Components Datasheet Search
  English  ▼

X  

TUSB215 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB215
Description  USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB215 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB215 Datasheet HTML 18Page - Texas Instruments TUSB215 Datasheet HTML 19Page - Texas Instruments TUSB215 Datasheet HTML 20Page - Texas Instruments TUSB215 Datasheet HTML 21Page - Texas Instruments TUSB215 Datasheet HTML 22Page - Texas Instruments TUSB215 Datasheet HTML 23Page - Texas Instruments TUSB215 Datasheet HTML 24Page - Texas Instruments TUSB215 Datasheet HTML 25Page - Texas Instruments TUSB215 Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
14X (0.6)
14X (0.25)
8X (0.5)
(3.3)
(3.3)
4X
(
0.92)
(0.56)
TYP
(0.56)
TYP
(R0.05) TYP
2X (1.5)
VQFN - 1 mm max height
RGY0014B
PLASTIC QUAD FLATPACK - NO LEAD
4223385/A 11/2016
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
15
SYMM
METAL
TYP
BASED ON 0.125 mm THICK STENCIL
SOLDER PASTE EXAMPLE
EXPOSED PAD 15
80% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:20X
SYMM
1
6
7
8
9
2
13
14
23
TUSB215-Q1
www.ti.com
SLLSF07 – SEPTEMBER 2017
Product Folder Links: TUSB215-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com