Electronic Components Datasheet Search
  English  ▼

X  

TUSB215 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB215
Description  USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB215 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB215 Datasheet HTML 8Page - Texas Instruments TUSB215 Datasheet HTML 9Page - Texas Instruments TUSB215 Datasheet HTML 10Page - Texas Instruments TUSB215 Datasheet HTML 11Page - Texas Instruments TUSB215 Datasheet HTML 12Page - Texas Instruments TUSB215 Datasheet HTML 13Page - Texas Instruments TUSB215 Datasheet HTML 14Page - Texas Instruments TUSB215 Datasheet HTML 15Page - Texas Instruments TUSB215 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
TUSB215-Q1
SLLSF07 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TUSB215-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
For this design example, use the parameters shown in the table below.
Table 3. Design Parameters
PARAMETER
VALUE
VCC (4.4 V to 5.5 V)
5 V
I2C support required in system (Yes/No)
No
AC Boost
REQ
Level
AC Boost Level 2:
REQ = 3.83 k
0-Ω
0
1.69 k ±1%
1
3.83 k ± 1%
2
DNI
3
DC Boost
RDC1
RDC2
Level
Mid DC Level:
RDC1 = DNI
RDC2 = DNI
22 kΩ - 47 kΩ
Do Not Install (DNI)
40 mV Low DC boost
DNI
DNI
60 mV Mid DC boost
47 kΩ
24 kΩ
80 mV High DC boost
8.2.2 Detailed Design Procedure
TUSB215-Q1 requires a valid reset signal as described in the power supply recommendations section. The
capacitor at RSTN pin is not required if a microcontroller drives the RSTN pin according to recommendations.
VREG pin is the internal LDO output that requires a 0.1-μF external capacitor to GND to stabilize the core.
The ideal AC boost setting is dependent upon the signal chain loss characteristics of the target platform. The
general recommendation is to start with AC boost level 0, and then increment to AC boost level 1, etc. if
permissible. Same applies to the DC Boost setting where it is recommended to plan for the required pads or
connections to change boost settings, but to start with DC boost level 1.
In order for the TUSB215-Q1 to recognize any change to the AC and DC Boost settings, the RSTN pin must be
toggled. This is because the configuration is latched on power up and the inputs are ignored thereafter.
NOTE
The TUSB215-Q1 compensates for DC attenuation in the signal path according to the
configuration of the DC_BOOST pin. This pin is not 5V tolerant and therefore when
selecting the highest DC boost level, the voltage level at DC_BOOST pin must be less
than 3.6V.
Placement of the device is also dependent on the application goal. Table 4 summarizes our recommendations.
Table 4. Platform Placement Guideline
PLATFORM GOAL
SUGGESTED DEVICE PLACEMENT
Pass USB Near End Mask
Close to measurement point
Pass USB Far End Eye Mask
Close to USB PHY
Cascade multiple devices to improve device enumeration
Midway between each USB interconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com