Electronic Components Datasheet Search
  English  ▼

X  

HAL574 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HAL574
Description  Two-Wire Hall Effect Sensor Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL574 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HAL574 Datasheet HTML 1Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 2Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 3Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
HAL57x, HAL58x
ADVANCE INFORMATION
3
Micronas
Two-Wire Hall Effect Sensor Family
in CMOS technology
1. Introduction
This sensor family consists of different two-wire Hall
switches produced in CMOS technology. All sensors
change the current consumption depending on the ex-
ternal magnetic field and require only two wires between
sensor and evaluation circuit. The sensors of this family
differ in the magnetic switching behavior and switching
points.
The sensors include a temperature-compensated Hall
plate with active offset compensation, a comparator, and
a current source. The comparator compares the actual
magnetic flux through the Hall plate (Hall voltage) with
the fixed reference values (switching points). According-
ly, the current source is switched on (high current
consumption) or off (low current consumption).
The active offset compensation leads to constant mag-
netic characteristics in the full supply voltage and tem-
perature range. In addition, the magnetic parameters
are robust against mechanical stress effects.
The sensors are designed for industrial and automotive
applications and operate with supply voltages from 3.75
V to 24 V in the junction temperature range from –40
°C
up to 140
°C. All sensors are available in the SMD-pack-
age SOT-89B and in the leaded version TO-92UA.
1.1. Features:
– current output for two-wire applications
– low current consumption: 5 mA ... 6.9 mA
– high current consumption: 12 mA ... 17 mA
– junction temperature range from –40
°C up to 140 °C.
– operates from 3.75 V to 24 V supply voltage
– operates with static magnetic fields and dynamic mag-
netic fields up to 10 kHz
– switching offset compensation at typically 145 kHz
– overvoltage and reverse-voltage protection
– magnetic characteristics are robust against mechani-
cal stress effects
– constant magnetic switching points over a wide supply
voltage range
– the decrease of magnetic flux density caused by rising
temperature in the sensor system is compensated by
a built-in negative temperature coefficient of the mag-
netic characteristics
– ideal sensor for applications in extreme automotive
and industrial environments
– EMC corresponding to DIN 40839
1.2. Family Overview
Type
Switching
Behavior
Sensitivity
see
Page
571
unipolar
medium
12
573
unipolar
low
13
574
unipolar
medium
14
575
latching
medium
15
581
unipolar
inverted
medium
16
584
unipolar
inverted
medium
17
Unipolar Switching Sensors:
The sensor turns to high current consumption with the
magnetic south pole on the branded side of the package
and turns to low consumption if the magnetic field is
removed. The sensor does not respond to the magnetic
north pole on the branded side.
BHYS
Current consumption
0BON
BOFF
IDDlow
B
Fig. 1–1: Unipolar Switching Sensor
IDDhigh
Unipolar Inverted Switching Sensors:
The sensor turns to low current consumption with the
magnetic south pole on the branded side of the package
and turns to high consumption if the magnetic field is
removed. The sensor does not respond to the magnetic
north pole on the branded side.
BHYS
0BOFF
BON
B
Fig. 1–2: Unipolar Inverted Switching Sensor
IDDhigh
IDDlow
Current consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com