Electronic Components Datasheet Search
  English  ▼

X  

HAL574 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HAL574
Description  Two-Wire Hall Effect Sensor Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL574 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HAL574 Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 10Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 11Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 12Page - List of Unclassifed Manufacturers HAL574 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
HAL57x, HAL58x
ADVANCE INFORMATION
9
Micronas
3.7. Magnetic Characteristics Overview at TJ = –40 °C to +140 °C, VDD = 3.75 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
Sensor
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Unit
Switching Type
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
HAL 571
–40
°C
8
12
15.5
6.5
10
13.8
0.5
2
3
mT
unipolar
25
°C
8
12
15.5
6.5
10
13.8
0.5
2
3
mT
100
°C
8
12
15.5
6.5
10
13.8
0.5
2
3
mT
140
°C
tbd
–
tbd
tbd
–
tbd
tbd
–
tbd
mT
HAL 573
–40
°C
40.2
45.7
51.2
38.2
43.7
49.2
0.5
2
4
mT
unipolar
25
°C
38
43.5
49
36
41.5
47
0.5
2
4
mT
100
°C
34
40
46
32
38
44
0.5
2
4
mT
140
°C
tbd
–
tbd
tbd
–
tbd
tbd
–
tbd
mT
HAL 574
–40
°C
5.5
9.2
12
5
7.2
11.5
0.5
2
3
mT
unipolar
25
°C
5.5
9.2
12
5
7.2
11.5
0.5
2
3
mT
100
°C
5.5
9.2
12
5
7.2
11.5
0.5
2
3
mT
140
°C
tbd
–
tbd
tbd
–
tbd
tbd
–
tbd
mT
HAL 575
–40
°C
0.5
4
8
–8
–4
–0.5
5
8
11
mT
latching
25
°C
0.5
4
8
–8
–4
–0.5
5
8
11
mT
100
°C
0.5
4
8
–8
–4
–0.5
5
8
11
mT
140
°C
tbd
–
tbd
tbd
–
tbd
tbd
–
tbd
mT
HAL 581
–40
°C
6.5
10
13.8
8
12
15.5
0.5
2
3
mT
unipolar
25
°C
6.5
10
13.8
8
12
15.5
0.5
2
3
mT
inverted
100
°C
6.5
10
13.8
8
12
15.5
0.5
2
3
mT
140
°C
tbd
–
tbd
tbd
–
tbd
tbd
–
tbd
mT
HAL 584
–40
°C
5
7.2
11.5
5.5
9.2
12
0.5
2
3
mT
unipolar
25
°C
5
7.2
11.5
5.5
9.2
12
0.5
2
3
mT
inverted
100
°C
5
7.2
11.5
5.5
9.2
12
0.5
2
3
mT
140
°C
tbd
–
tbd
tbd
–
tbd
tbd
–
tbd
mT
Note: For detailed descriptions of the individual types, see pages 12 and following.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com