Electronic Components Datasheet Search
  English  ▼

X  

ET10 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # ET10
Description  Electrical Testers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

ET10 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  ET10 Datasheet HTML 1Page - Extech Instruments Corporation. ET10 Datasheet HTML 2Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ET Series
Electrical Testers
13 Electrical Testers for Electricians & DIYs to choose from: Voltage, Continuity, and Receptacle Testers
www.extech.com
Specifications subject to change without notice. Copyright © 2016-2017 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 5/4/17
Features
ET10/ET15 RECEPTACLE TESTERS
•
Tests for faulty wiring in 3-wire receptacles:
Correct, Open Ground, Open Neutral, Open Hot, Hot/
Ground Reverse, and Hot/Neutral Reverse
•
Standard North American 3-Prong Plug
•
ET10 also tests GFCI circuits
ET20 DUAL INDICATOR VOLTAGE DETECTOR
•
Voltage detection range: 100 to 250V AC/DC
•
Probes snap on housing for easy one-handed testing
•
Large neon indicators identify presence of voltage
ET20B VOLTAGE DETECTOR
•
Voltage detection range: 100 to 250V AC/DC
•
Neon light Voltage indicator
•
Built-in test leads, pocket clip, and insulated housing
ET23B LOW VOLTAGE TESTER
•
Voltage detection range: 5 to 50V AC/DC
•
Neon light Voltage indicator
•
Built-in alligator test lead clips, pocket clip, and
insulated housing
ET25 VOLTAGE TESTER
•
Voltage detection range: 80 to 250V AC/DC
•
Neon light Voltage indicator
•
Built-in test leads, pocket clip, and insulated housing
See next page for more Electrical Testers
ETL: ET20B, ET23B, ET26B, ET28B, ET38, ET60
UL: ET10, ET15, ET20, ET25
CE: ET30A, ET30B, ET40, ET40B
ET10 UPC Code: 793950410103
ET15 UPC Code: 793950410158
ET20 UPC Code: 793950410202
ET20B UPC Code: 793950420225
ET23B UPC Code: 793950420232
ET25 UPC Code: 793950410257
ET26B UPC Code: 793950420263
ET28B UPC Code: 793950420287
ET30A UPC Code: 793950410318
ET30B UPC Code: 793950410325
ET38 UPC Code: 793950420386
ET40 UPC Code: 793950410400
ET40B UPC Code: 793950410424
ET60 UPC Code: 793950420607
ET10
ET15
ET20
ET20B
ET23B
ET25


Similar Part No. - ET10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ET10-103 VISHAY-ET10-103 Datasheet
356Kb / 4P
DC Filter Capacitors
11-Aug-10
ET10-203 VISHAY-ET10-203 Datasheet
356Kb / 4P
DC Filter Capacitors
11-Aug-10
ET10-205 VISHAY-ET10-205 Datasheet
356Kb / 4P
DC Filter Capacitors
11-Aug-10
ET10-254 VISHAY-ET10-254 Datasheet
356Kb / 4P
DC Filter Capacitors
11-Aug-10
ET10-503 VISHAY-ET10-503 Datasheet
356Kb / 4P
DC Filter Capacitors
11-Aug-10
More results

Similar Description - ET10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
07-Jul-2003
TLP3114 TOSHIBA-TLP3114 Datasheet
73Kb / 4P
Logic IC Testers/memory Testers Board Testers/Scanners
07-Jun-2001
TLP3122 TOSHIBA-TLP3122 Datasheet
149Kb / 6P
Logic Testers / Memory Testers
01-Oct-2007
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3216 TOSHIBA-TLP3216 Datasheet
249Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3230 TOSHIBA-TLP3230_07 Datasheet
249Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
01-Oct-2007
TLP3250 TOSHIBA-TLP3250 Datasheet
266Kb / 7P
Logic IC Testers / Memory Testers
01-Oct-2007
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3230 TOSHIBA-TLP3230_14 Datasheet
273Kb / 7P
Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
logo
Fluke Corporation
T6-600 FLUKE-T6-600 Datasheet
481Kb / 2P
Fluke T6 Electrical Testers with FieldSense technology
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com