Electronic Components Datasheet Search
  English  ▼

X  

ET10 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # ET10
Description  Electrical Testers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

ET10 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  ET10 Datasheet HTML 1Page - Extech Instruments Corporation. ET10 Datasheet HTML 2Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.extech.com
Specifications subject to change without notice. Copyright © 2016-2017 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Features
ET26B VOLTAGE TESTER
•
Detection: AC/DC: 120V and 240; AC: 277V and 480V
•
Neon light Voltage indicator; Test lead clips
•
Built-in test leads, pocket clip, and insulated housing
ET28B VOLTAGE TESTER
•
Detection: AC: 120V to 480V; DC: 120V to 240V
•
Neon light Voltage indicator
•
Test lead clip for easy one-handed operation
•
Built-in test leads with removable protective caps and
29" (73.6cm) cable, and insulated housing
ET30A AUTOMOTIVE CIRCUIT TESTER
•
For low voltage systems: 6 to 24V DC
•
Ideal for checking fuses, circuits, switches and wiring
ET30B VOLTAGE TESTER
•
Voltage detection range: AC/DC: 6V, 12V, 24V
•
Bright xenon light Voltage indicator
•
Built-in 40.5" (103mm) stainless steel test probe with
5ft (1.5m) cable and insulated alligator clip
•
Operates without battery
ET38 VOLTAGE/CONTINUITY TESTER
•
Voltage detection range: 12 to 300V AC
•
Continuity tester
•
LED light indicator
•
Includes built-in screwdriver tip, pocket clip,
and two button batteries
ET40 HEAVY DUTY CONTINUITY TESTER
•
Test fuses, wires, light bulbs, ground connections
•
30" (76cm) test lead with alligator clip
ET40B CONTINUITY TESTER
•
Detects open circuit in fuse, diodes, switch, and wires
•
Built-in 2.9" (73mm) stainless steel test probe with 4.9ft
(1.5m) cable, insulated alligator clip, and AAA battery
ET60 VOLTAGE/CONTINUITY TESTER
•
Measure Voltage (7-range LED indicators)
AC: 24V, 120V, 208V, 240V, 277V, 480V, 600V
DC: 6V, 12V, 24V, 36V, 48V, 110V, 220V
•
Vibration alert when Voltage is detected >85V
•
Non-Contact Voltage detection range: 90 to 1000V AC
•
AC frequency bandwidth: 45 to 66Hz
•
Continuity tester with audible and visual alert
•
Bright built-in flashlight
•
CAT III-600V rating with double-molded housing
•
Complete with built-in test leads and two AAA batteries
ET26B
ET28B
ET30A
ET38
ET60
ET40
ET40B
ET30B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com