Electronic Components Datasheet Search
  English  ▼

X  

EC9288 Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC9288
Description  5V 6A 1.2MHz Synchronous Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9288 Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC9288 Datasheet HTML 4Page - E-CMOS Corporation EC9288 Datasheet HTML 5Page - E-CMOS Corporation EC9288 Datasheet HTML 6Page - E-CMOS Corporation EC9288 Datasheet HTML 7Page - E-CMOS Corporation EC9288 Datasheet HTML 8Page - E-CMOS Corporation EC9288 Datasheet HTML 9Page - E-CMOS Corporation EC9288 Datasheet HTML 10Page - E-CMOS Corporation EC9288 Datasheet HTML 11Page - E-CMOS Corporation EC9288 Datasheet HTML 12Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 11 of 12
4G18N-Rev.F001
5V 6A 1.2MHz Synchronous Boost Converter
EC9288
Load Disconnect
Driving EN to ground places the EC9288 in shutdown mode.
When in shutdown, the internal power MOSFET turns off, all
internal circuitry shuts down and the quiescent supply
current reduces to 1uA maximum. A special circuit is applied
to disconnect the load from the input during shutdown the
converter. In conventional synchronous rectifier circuits, the
back-gate diode of the high side P-FET is forward biased in
shutdown and allows current flowing from the battery to the
output. However, this device uses a special circuit, which
takes the cathode of the back-gate diode of the high-side P-
FET and disconnects it from the source when the regulator is
shutdown. The benefit of this feature for the system design
engineer is that the battery is not depleted during shutdown
of the converter. No additional components must be added
to the design to make sure that the battery is disconnected
from the output of the converter.
Current-Limit Protection
TheEC9288 monitors the inductor current, flowing through
the N-FET, and limits the current peak at current limit level to
prevent loads and the EC9288 from damages during
overload conditions.
Over-Temperature Protection (OTP)
The over-temperature circuit limits the junction temperature
of the EC9288. When the junction temperature exceeds
150℃, a thermal sensor turns off the both N-FET and P-
FET, allowing the devices to cool. The thermal sensor allows
the converters to start a soft-start process and regulate the
output voltage again after the junction temperature cools by
30℃. The OTP is designed with a 30℃ hysteresis to lower
the average Junction Temperature (TJ) during continuous
thermal overload conditions, increasing the lifetime of the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com