Electronic Components Datasheet Search
  English  ▼

X  

EC9288 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC9288
Description  5V 6A 1.2MHz Synchronous Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9288 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC9288 Datasheet HTML 1Page - E-CMOS Corporation EC9288 Datasheet HTML 2Page - E-CMOS Corporation EC9288 Datasheet HTML 3Page - E-CMOS Corporation EC9288 Datasheet HTML 4Page - E-CMOS Corporation EC9288 Datasheet HTML 5Page - E-CMOS Corporation EC9288 Datasheet HTML 6Page - E-CMOS Corporation EC9288 Datasheet HTML 7Page - E-CMOS Corporation EC9288 Datasheet HTML 8Page - E-CMOS Corporation EC9288 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 12
4G18N-Rev.F001
5V 6A 1.2MHz Synchronous Boost Converter
EC9288
Pin Description
Ordering Information
Part Number
Package
Marking
Marking Information
EC9288NNMHR
SOP-8
Exposed Pad
9288
LLLL
YYWW
1.
LLLL:Lot No
2.
YYWW:Date Code
NO.
NAME
FUNCTION
1
VBAT
Converter Supply Voltage.
2
PSI
Power Saving Input. Force VPSI exceed 1V enter PFM. Left VPSI below 0.4V enter PWM mode
3
EN
Device Enable Control Input. Force VEN exceed 1V enable the device. Left VEN below 0.4V to shutdown.
4
GND
Signal Ground. Connect this pin to PGND.
5
FB
Converter Feedback Input.
6
VOUT
Converter Output and IC Supply Voltage
7
SW
Converter Switch Pin. Connect inductor here.
8
PGND
Power Ground. Connect these pins to GND.
EC9288NN XX X
R=Tape & Reel
Package Type
MH=SOP 8(Exposed Pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com