Electronic Components Datasheet Search
  English  ▼

X  

EC9508C Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC9508C
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9508C Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC9508C Datasheet HTML 1Page - E-CMOS Corporation EC9508C Datasheet HTML 2Page - E-CMOS Corporation EC9508C Datasheet HTML 3Page - E-CMOS Corporation EC9508C Datasheet HTML 4Page - E-CMOS Corporation EC9508C Datasheet HTML 5Page - E-CMOS Corporation EC9508C Datasheet HTML 6Page - E-CMOS Corporation EC9508C Datasheet HTML 7Page - E-CMOS Corporation EC9508C Datasheet HTML 8Page - E-CMOS Corporation EC9508C Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BUILT-IN DELAY CIRCUIT
HIGH-PRECISION VOLTAGE DETECTOR
EC9509C/ 08C
Page 1 / 10
5D15N-Rev. F002
E-CMOS Corp.(http://www.ecmos.com.tw)
SOT-23-5
Pin No
SOT343
Pin No
SYMBOL
DESCRITION
1
4
OUT
VOLTAGE DETECTION PIN
2
2
VDD
VOLTAGE INPUT PIN
3
1
VSS
GROUND PIN
4
---
N.C
NO CONNECTION
5
3
CD
CONNECTION
PIN
DELAY
CAPACITOR
Introduction
(General Description)
The EC9509C / 08C Series is a high-precision
voltage
detector
developed
using
CMOS
process.
The
detection
voltage
is
fixed
internally with an accuracy of ±2.0 %. A time
delayed reset can be accomplished with the
addition of an external capacitor. Two output
forms,
N-channel
open-drain
and
CMOS
output, are available.
Features
 Ultra-low current consumption
1.0 mA typ. (VDD=2.0 V)
1.1 mA typ. (VDD=3.5 V)
 High-precision detection voltage ±2.0 %
 COperating voltage range 2.0 V to 6.0 V
 Detection voltage 2.2 V to 3.1 V (0.1 V step)
 Hysteresis characteristics 5 % typ.
 Two output forms: CMOS
output active
“L” Open-drain
output active
“L”
Applications
 Power supply monitor for portable equipment
such as electronic organizers, notebook PCs,
cellular phones, digital cameras
 Constant voltage power monitor for cameras,
communication equipment and video
equipment
 Power monitor and reset for CPUs and
microcomputers
Packages
SOT-23-5
SOT343
Pin Assignment
(SOT-23-5)
SOT343(SC82)


Similar Part No. - EC9508C

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
EC95 AMPHENOL-EC95 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
EC9518CXXB1R E-CMOS-EC9518CXXB1R Datasheet
439Kb / 9P
VOLTAGE DETECTOR
EC9519C E-CMOS-EC9519C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
EC9519CXXB1R E-CMOS-EC9519CXXB1R Datasheet
439Kb / 9P
VOLTAGE DETECTOR
More results

Similar Description - EC9508C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
88CXX UTC-88CXX Datasheet
215Kb / 16P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
Torex Semiconductor
XC61H TOREX-XC61H Datasheet
574Kb / 13P
Voltage Detector with Delay Circuit Built-In
logo
Unisonic Technologies
88CXX UTC-88CXX_10 Datasheet
258Kb / 13P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX Datasheet
185Kb / 5P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX_11 Datasheet
234Kb / 8P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXX UTC-88CXX_12 Datasheet
330Kb / 12P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX_1112 UTC-88NXX_1112 Datasheet
242Kb / 8P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
Leshan Radio Company
LR8809 LRC-LR8809 Datasheet
441Kb / 7P
ULTRA-SMALL BUILT-IN DELAY HIGH-PRECISION VOLTAGE DETECTOR
logo
Unisonic Technologies
88CXX UTC-88CXX_15 Datasheet
320Kb / 12P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com