Electronic Components Datasheet Search
  English  ▼

X  

EC9508C Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC9508C
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9508C Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC9508C Datasheet HTML 1Page - E-CMOS Corporation EC9508C Datasheet HTML 2Page - E-CMOS Corporation EC9508C Datasheet HTML 3Page - E-CMOS Corporation EC9508C Datasheet HTML 4Page - E-CMOS Corporation EC9508C Datasheet HTML 5Page - E-CMOS Corporation EC9508C Datasheet HTML 6Page - E-CMOS Corporation EC9508C Datasheet HTML 7Page - E-CMOS Corporation EC9508C Datasheet HTML 8Page - E-CMOS Corporation EC9508C Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BUILT-IN DELAY CIRCUIT
HIGH-PRECISION VOLTAGE DETECTOR
EC9509C/ 08C
Page 3 / 10
5D15N-Rev. F002
E-CMOS Corp.(http://www.ecmos.com.tw)
Absolute Maximum Ratings
PARAMETER
SYMBOL
RATING
UNIT
POWER SUPPLY VOLTAGE
VDD - VSS
8
V
CD PIN INPUT VOLTAGE
VCD
VSS -0.3 TO VDD +0.3
V
OUTPUT VOLTAGE
VOUT
VSS -0.3 TO VDD +0.3
V
OUTPUT CURRENT
IOUT
4
m
A
POWER DISSIPATION
PD SOT23 -5
500
m
W
SOT343
250
mW
OPERATING TEMPERATURE
TOPR
-40 TO +85
℃
STORAGE TEMPERATURE
TSTG
-40 TO +125
℃
JUNCTION TEMPERATURE
Tj(max)
150
℃
JUNCTION TO AMBIENT THERMAL RESISTANCE
θja
347
℃/W
JUNCTION TO CASE THERMAL RESISTANCE
θjc
148
℃/W
Electrical Characteristics
CMOS output products
(Ta=25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Test
circuit
Detection voltage
-VDET
--
-VDET(S)
X 0.98
-VDET
-VDET(S)
X 1.02
V
1
Hysteresis width
VHYS
--
-VDET
X0.03
-VDET
X0.05
-VDET
X0.08
V
1
Current consumption
ISS
VDD=4V
--
4.5
6.5
uA
2
Operating voltage
VDD
--
2.0
--
6.0
V
1
Output Current of output transistor
IOUT
N-channel VDS=0.5V
VDD= 2.4V
2.88
4.98
--
mA
3
P-channel VDS=VDD-0.5V
VDD=4.8 V
1.43
2.39
--
mA
5
Delay time
td
CD=4.7nF
VDD=3V
6
13
20
ms
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com