Electronic Components Datasheet Search
  English  ▼

X  

L1060 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # L1060
Description  1.8 MM SOLID STATE LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L1060 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  L1060 Datasheet HTML 1Page - List of Unclassifed Manufacturers L1060 Datasheet HTML 2Page - List of Unclassifed Manufacturers L1060 Datasheet HTML 3Page - List of Unclassifed Manufacturers L1060 Datasheet HTML 4Page - List of Unclassifed Manufacturers L1060 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: CDA0693
REV NO: V.1
DATE: NOV/11/2001
PAGE: 3 OF 5
APPROVED : J. Lu
CHECKED :
DRAWN: Z.W.Yan
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
High Efficiency Red L1060ID
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
h
g
i
Hh
g
i
H h
g
i
H h
g
i
Hh
g
i
H
y
c
n
e
i
c
if
f
E
d
e
R
e
g
n
a
r
Oe
g
n
a
r
O
e
g
n
a
r
O
e
g
n
a
r
Oe
g
n
a
r
On
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gw
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
St
h
g
ir
B
r
e
p
u
S
t
h
g
ir
B
r
e
p
u
S
t
h
g
ir
B
r
e
p
u
St
h
g
ir
B
r
e
p
u
S
d
e
R
s
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P5
0
15
0
15
0
15
0
10
0
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D0
30
35
20
30
3A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P0
6
10
6
10
4
10
4
15
5
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
55555
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com